Electronic Components Datasheet Search
  English  ▼

X  

MAX786 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX786
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX786 Datasheet HTML 1Page - Maxim Integrated Products MAX786 Datasheet HTML 2Page - Maxim Integrated Products MAX786 Datasheet HTML 3Page - Maxim Integrated Products MAX786 Datasheet HTML 4Page - Maxim Integrated Products MAX786 Datasheet HTML 5Page - Maxim Integrated Products MAX786 Datasheet HTML 6Page - Maxim Integrated Products MAX786 Datasheet HTML 7Page - Maxim Integrated Products MAX786 Datasheet HTML 8Page - Maxim Integrated Products MAX786 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
2
________________________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0mA, SHDN = ON3 = ON5 = 5V, other digital input levels are 0V or +5V,
TA = TMIN to TMAX, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
V+ to GND................................................................-0.3V to 36V
PGND to GND .......................................................................±2V
VL to GND ..................................................................-0.3V to 7V
BST3, BST5 to GND .................................................-0.3V to 36V
LX3 to BST3 ...............................................................-7V to 0.3V
LX5 to BST5 ...............................................................-7V to 0.3V
Inputs/Outputs to GND
(D1, D2, SHDN, ON5, REF, SS5, CS5,
FB5, SYNC, CS3,FB3, SS3, ON3) ............-0.3V to (VL + 0.3V)
VH to GND ...............................................................-0.3V to 20V
Q1, Q2 to GND ............................................-0.3V to (VH + 0.3V)
DL3, DL5 to PGND .......................................-0.3V to (VL + 0.3V)
DH3 to LX3 ..............................................-0.3V to (BST3 + 0.3V)
DH5 to LX5 ..............................................-0.3V to (BST5 + 0.3V)
REF, VL Short to GND................................................Momentary
REF Current ........................................................................20mA
VL Current ..........................................................................50mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 9.52mW/°C above +70°C)....................762mW
Operating Temperature Ranges
MAX786CAI/MAX786_CAI .................................0°C to +70°C
MAX786EAI/MAX786_EAI ...............................-40°C to +85°C
Lead Temperature (soldering, 10sec) ............................+300°C
MAX786S
MAX786R
MAX786
FB3 Output Voltage
3.46
3.65
3.75
V
0mV < (CS3-FB3) < 70mV, 6V < V + < 30V
(includes load and line regulation)
3.32
3.50
3.60
REF Load Regulation
30
75
mV
0mA < IL < 5mA (Note 2)
PARAMETER
VL Output Voltage
MIN
TYP
MAX
4.5
5.5
UNITS
Current-Limit Voltage
V
80
100
120
VL Fault Lockout Voltage
mV
Line Regulation
3.6
4.2
0.03
%/V
Load Regulation
2.5
V
%
3.17
3.35
3.46
VL/FB5 Switchover Voltage
SS3/SS5 Source Current
2.5
4.0
6.5
µA
4.2
4.7
V
REF Output Voltage
SS3/SS5 Fault Sink Current
2
3.24
3.36
mA
V
REF Fault Lockout Voltage
2.4
3.2
V
Input Supply Range
5.5
30
V
FB5 Output Voltage
4.80
5.08
5.20
V
CONDITIONS
ON5 = ON3 = 0V, 5.5V < V+ < 30V, 0mA < IL < 25mA
CS3-FB3 or CS5-FB5
Falling edge, hysteresis = 1%
Either controller (V+ = 6V to 30V)
Either controller (CS_ -FB_ = 0mV to 70mV)
Rising edge of FB5, hysteresis = 1%
No external load (Note 1)
0mV < (CS5-FB5) < 70mV, 6V < V + < 30V
(includes load and line regulation)
Falling edge
V+ Shutdown Current
25
40
µA
–
S
—
H
—
D
—
N
–
= D1 = D2 = ON3 = ON5 = 0V, V+ = 30V
V+ Standby Current
70
120
µA
D1 = D2 = ON3 = ON5 = 0V, V+ = 30V
Quiescent Power Consumption
(both PWM controllers on)
5.5
8.6
mW
D1 = D2 = 0V, FB5 = CS5 = 5.25V,
FB3 = CS3 = 3.5V
V+ Off Current
30
60
µA
FB5 = CS5 = 5.25V, VL switched over to FB5
D1, D2 Trip Voltage
1.61
1.69
V
Falling edge, hysteresis = 1%
D1, D2 Input Current
±100
nA
D1 = D2 = 0V, 5V
3.3V AND 5V STEP-DOWN CONTROLLERS
INTERNAL REGULATOR AND REFERENCE
COMPARATORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com