Electronic Components Datasheet Search
  English  ▼

X  

CMX991 Datasheet(PDF) 30 Page - CML Microcircuits

Part # CMX991
Description  Two-mode demodulator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX991 Datasheet(HTML) 30 Page - CML Microcircuits

Back Button CMX991 Datasheet HTML 26Page - CML Microcircuits CMX991 Datasheet HTML 27Page - CML Microcircuits CMX991 Datasheet HTML 28Page - CML Microcircuits CMX991 Datasheet HTML 29Page - CML Microcircuits CMX991 Datasheet HTML 30Page - CML Microcircuits CMX991 Datasheet HTML 31Page - CML Microcircuits CMX991 Datasheet HTML 32Page - CML Microcircuits CMX991 Datasheet HTML 33Page - CML Microcircuits CMX991 Datasheet HTML 34Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
30
D/991_992/20
b3
b2
b1
b0
0
0
1
0
VGA = -12dB
0
0
0
1
VGA = -6dB
0
0
0
0
VGA = 0dB (Maximum gain)
6.4.2
Rx Mode Register:
C-BUS address $E3
8-bit read-only
This read-only register mirrors the value in register $13; see section 6.4.1 for details of bit functions.
6.5
Tx Control Register (CMX991 only)
6.5.1
Tx Control Register:
C-BUS address $14
8-bit write-only
This register controls transmitter features including Powersave modes.
All bits of this register are cleared to ‘0’ by a General Reset command.
Bit:
7
6
5
4
3
2
1
0
0
TxMix Pwr
0
I/Q Mod
Pwr
0
0
Freq
I/Q Out
Tx Control Register b7 - b4
These bits control power up/power down of the various blocks of the IC.
In all cases ‘1’ = power up, ‘0’ = power down.
b7
Reserved set to ‘0’
b6
Enable image-reject up-converter
b5
Reserved set to ‘0’
b4
Enable I/Q modulator, filters and its input circuits
Tx Control Register b3 and b2
Reserved set to ‘0’.
Tx Control Register b1
Controls internal operating mode for LO circuits, set b1 = ’0’ for frequency below 600MHz;
set b1 =
’1’ for frequencies above 600MHz.
Tx Control Register b0
With b0 = ’0’ the output of the I/Q modulator is connected to the image-reject up-converter;
with b0 = ’1’ the output of the I/Q modulator is connected to the TXIFOUT output pin.
6.5.2
Tx Control Register
C-BUS address $E4
8-bit read-only
This read-only register mirrors the value in register $14; see section 6.5.1 for details of bit functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com