Electronic Components Datasheet Search
  English  ▼

X  

CMX991 Datasheet(PDF) 43 Page - CML Microcircuits

Part # CMX991
Description  Two-mode demodulator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX991 Datasheet(HTML) 43 Page - CML Microcircuits

Back Button CMX991 Datasheet HTML 39Page - CML Microcircuits CMX991 Datasheet HTML 40Page - CML Microcircuits CMX991 Datasheet HTML 41Page - CML Microcircuits CMX991 Datasheet HTML 42Page - CML Microcircuits CMX991 Datasheet HTML 43Page - CML Microcircuits CMX991 Datasheet HTML 44Page - CML Microcircuits CMX991 Datasheet HTML 45Page - CML Microcircuits CMX991 Datasheet HTML 46Page - CML Microcircuits CMX991 Datasheet HTML 47Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
43
D/991_992/20
Ref Lvl
-9.2 dBm
Ref Lvl
-9.2 dBm
A
0.8 dB Offset
Center 460 MHz
Span 66 kHz
RBW
500 Hz
VBW
2 kHz
SWT
1.35 s
Unit
dBm
6.6 kHz/
RF Att
20 dB
1VIEW
1RM
-100
-90
-80
-70
-60
-50
-40
-30
-20
-109
-9.2
1
Marker 1 [T1]
-21.46 dBm
459.99993387 MHz
1 [T1]
-21.46 dBm
459.99993387 MHz
CH PWR
-9.71 dBm
ACP Up
-77.60 dB
ACP Low
-77.76 dB
cu1
cu1
cl1
cl1
C0
C0
Figure 28 Tx Output with 9.6kbps GMSK from an EV9100
(TxIF = 90MHz, ACP ~ 77dBc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com