Electronic Components Datasheet Search
  English  ▼

X  

CMX993 Datasheet(PDF) 22 Page - CML Microcircuits

Part # CMX993
Description  Programmable 30dB Output Gain Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX993 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button CMX993 Datasheet HTML 18Page - CML Microcircuits CMX993 Datasheet HTML 19Page - CML Microcircuits CMX993 Datasheet HTML 20Page - CML Microcircuits CMX993 Datasheet HTML 21Page - CML Microcircuits CMX993 Datasheet HTML 22Page - CML Microcircuits CMX993 Datasheet HTML 23Page - CML Microcircuits CMX993 Datasheet HTML 24Page - CML Microcircuits CMX993 Datasheet HTML 25Page - CML Microcircuits CMX993 Datasheet HTML 26Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Quadrature Modulator
CMX993/CMX993W
 2013 CML Microsystems Plc
22
D/993/10
AC Parameters
Notes
Min.
Typ.
Max.
Units
Output Frequency Range
30
-
1000
MHz
Local oscillator input
LO Frequency Range
4, 28
60
-
2000
MHz
LO Input Impedance (Differential)
-
50
-
LO Input Level
200MHz < F < 2000 MHz
33
-20
-
-10
dBm
80MHz < F < 200MHz
28
-15
-
-10
dBm
60MHz < F < 80MHz
27,28
-10
-
-5
dBm
Input amplifiers (and filter amplifiers
– CMX993)
Gain Bandwidth Product
15
-
10
-
MHz
Input Offset Voltage
31
-
3
6
mV
Input Common Mode Range
17
1.0
1.6
2.5
V
Input Bias Current
-
0.4
-
µA
Input Resistance
-
160
-
k
Slew Rate
15
-
6
-
V/µs
IMD
15,
16, 19
-
-85
-
dB
Differential Input Voltage
18
-
-
1.2
V
Input Referred Noise at 1kHz
-
15
-
nV/
Hz
Output Load
13
-
1k
║100pF
-
DC Output Range
AVSS+0.1
-
AVDD-0.1
V
Filter amplifiers
– CMX993W
Gain Bandwidth Product
15
-
65
-
MHz
Input Offset Voltage
31
-
3
4
mV
Input Common Mode Range
17
1.1
1.6
2.5
V
Input Bias Current
-
1.6
4.5
µA
Input Resistance
-
38
-
k
Slew Rate
15
-
32
-
V/µs
IMD
15,
16, 19
-
-90
-
dB
Differential Input Voltage
18
-
-
1.2
V
Input Referred Noise at 1kHz
-
5
-
nV/
Hz
Output Load
13
-
1k
║100pF
-
DC Output Range
AVSS+0.2
-
AVDD-0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com