Electronic Components Datasheet Search
  English  ▼

X  

CMX993 Datasheet(PDF) 23 Page - CML Microcircuits

Part # CMX993
Description  Programmable 30dB Output Gain Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX993 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button CMX993 Datasheet HTML 18Page - CML Microcircuits CMX993 Datasheet HTML 19Page - CML Microcircuits CMX993 Datasheet HTML 20Page - CML Microcircuits CMX993 Datasheet HTML 21Page - CML Microcircuits CMX993 Datasheet HTML 22Page - CML Microcircuits CMX993 Datasheet HTML 23Page - CML Microcircuits CMX993 Datasheet HTML 24Page - CML Microcircuits CMX993 Datasheet HTML 25Page - CML Microcircuits CMX993 Datasheet HTML 26Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Quadrature Modulator
CMX993/CMX993W
 2013 CML Microsystems Plc
23
D/993/10
AC Parameters
Notes
Min.
Typ.
Max.
Units
Quadrature Modulator
DC Bias Input
14
-
1.6
-
V
I/Q Input Common Mode Voltage
1.3
1.55
1.7
V
I/Q Mixer Input Voltage
10
-
0.5
-
Vp-p
Modulator Minimum Input Bandwidth
-
50
-
MHz
Voltage Gain
24, 32
-
-2
-
dB
Transmit Gain Control Range
-
30
-
dB
Transmit Gain Control Step Size
-
2.5
-
dB
Gain Switching Time
25
-
-
10
µs
Transmit Output Power (PEP)
5,6, 20,
32
-
+3
-
dBm
Noise Floor
25, 29
-
-155
-
dBm/Hz
Wideband Noise During Modulation
7, 8, 30
-
-148
-145
dBc/Hz
Output Noise with Attenuation Steps
9, 12, 20
Attenuation = 5dB
Attenuation = 10dB
Attenuation = 15dB
Attenuation = 20dB
Attenuation = 25dB
-
-
-
-
-
-
-
-
-
-
-153
-155
-156
-158
-159
dBm/Hz
dBm/Hz
dBm/Hz
dBm/Hz
dBm/Hz
Image Suppression
-
At 30MHz
-
32
-
dB
At 100MHz
-
40
-
dB
At 500MHz
TBD
40
-
dB
At 1GHz
TBD
32
-
dB
Carrier Suppression
23
-35
-40
-
dBm
Intermodulation
11
30
-
-
dB
Equivalent Output IP3
-
25
-
dBm
IS-95 Performance
26
1
st Adjacent Channel (
f=885kHz)
-
-72
-
dB
2
nd Adjacent Channel (
f=1.98MHz)
-
-84
-
dB
3
rd Adjacent Channel (
f=2.65MHz)
-
-67
-
dB
1dB Compression Point
29
-
+8
-
dBm
Load Impedance (Differential)
21
-
100
-
Discrete Unwanted Emissions (other
than harmonics of the output) in the
Frequency Range 9kHz
–12.75 GHz.
22
-
-
-80
dBc
Notes:
4.
Local oscillator input frequency twice or four times the required operating frequency.
5.
Output power reduced dB for dB with forward path attenuation.
6.
Peak power: PEP measured with 2-tone signal (two equal amplitude tones).
7.
Measured between noise floor and mean power in a two-tone modulated wanted signal.
8.
Measured at 400MHz, 5MHz offset over specified Forward Path Output Power range and with
forward path attenuation between 0dB and
–5dB. NB: typical noise performance achieved at
typical output power and above.
9.
Measured at 400MHz, 5MHz offset with specified Forward Path Output Power for relevant
attenuation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com