Electronic Components Datasheet Search
  English  ▼

X  

MAX782SCBX Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX782SCBX
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX782SCBX Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX782SCBX Datasheet HTML 12Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 13Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 14Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 15Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 16Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 17Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 18Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 19Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Triple-Output Power-Supply
Controller for Notebook Computers
16
______________________________________________________________________________________
+5V Transformer (T1)
Table 3 lists two commercially available transformers
and parts for a custom transformer. The following
instructions show how to determine the transformer
parameters required for a custom design:
LP, the primary inductance value
ILPEAK, the peak primary current
LI2, the core’s energy rating
RP and RS, the primary and secondary resistances
N, the primary-to-secondary turns ratio.
The transformer primary is specified just as the +3.3V
inductor, using VOUT = +5.0V; but the secondary output
(VDD)
power must be added in as if it were part of the
primary. VDD current (IDD) usually includes the VPPA
and VPPB output currents. The total +5V power, PTOTAL,
is the sum of these powers:
PTOTAL = P5 + PDD
where:
P5 = VOUT x IOUT;
PDD = VDD x IDD;
and:
VOUT = output voltage, 5V;
IOUT = maximum +5V load current (A);
VDD = VDD output voltage, 15V;
IDD = maximum VDD load current (A);
so:
PTOTAL = (5V x IOUT) + (15V x IDD)
and the equivalent +5V output current, ITOTAL, is:
ITOTAL = PTOTAL / 5V
= [(5V x IOUT) + (15V x IDD)] / 5V.
The primary inductance, LP, is given by:
VOUT x (VIN(MAX) - VOUT)
LP = ———————————————
VIN(MAX) x f x ITOTAL x LIR
where:
VOUT = output voltage, 5V;
VIN(MAX) = maximum input voltage;
f = switching frequency, normally 300kHz;
ITOTAL = maximum equivalent load current (A);
LIR = ratio of primary peak-to-peak AC
current to average DC load current, typically 0.3.
The highest peak primary current (ILPEAK) equals the
total DC load current (ITOTAL) plus half the peak-to-peak
AC primary current (ILPP). The peak-to-peak AC primary
current is typically chosen as 30% of the maximum DC
load current, so the peak primary current is 1.15 times
ITOTAL. A higher value of LIR allows smaller inductance,
but results in higher losses and higher ripple.
The peak current in the primary at full load is given by:
VOUT x (VIN(MAX) - VOUT)
ILPEAK = ITOTAL + —————————————.
2 x f x LP x VIN(MAX)
Choose a core with an LI2 parameter greater than LP x
ILPEAK2.
The winding resistances, RP and RS, should be as low
as possible, preferably in the low milliohms. Use the
largest gauge wire that will fit on the core. The coil is
effectively in series with the load at all times, so the
resistive losses in the primary winding alone are
approximately (ITOTAL)2 x RP.
The minimum turns ratio, NMIN, is 5V:(15V-5V). Use 1:2.2
to accommodate the tolerance of the +5V supply. A
greater ratio will reduce efficiency of the VPP regulators.
Minimize the diode capacitance and the interwinding
capacitance, since they create losses through the
VDD shunt regulator. These are most significant when
the input voltage is high, the +5V load is heavy, and
there is no load on VDD.
Ensure the transformer secondary is connected with the
right polarity: A VDD supply will be generated with either
polarity, but proper operation is possible only with the cor-
rect polarity. Test for correct connection by measuring the
VDD voltage when VDD is unloaded and the input voltage
(VIN) is varied over its full range. Correct connection is
indicated if VDD is maintained between 13V and 20V.
Current-Sense Resistors (R1, R2)
The sense resistors must carry the peak current in the
inductor, which exceeds the full DC load current.
The internal current limiting starts when the voltage
across the sense resistors exceeds 100mV nominally,
80mV minimum. Use the minimum value to ensure
adequate output current capability: For the +3.3V
supply, R1 = 80mV / (1.15 x IOUT); for the +5V supply,
R2 = 80mV/(1.15 x ITOTAL), assuming that LIR = 0.3.
Since the sense resistance values (e.g. R1 = 25m
Ω for
IOUT = 3A) are similar to a few centimeters of narrow
traces on a printed circuit board, trace resistance can
contribute significant errors. To prevent this, Kelvin
connect the CS_ and FB_ pins to the sense resistors;
i.e., use separate traces not carrying any of the induc-
tor or load current, as shown in Figure 5.
Run these traces parallel at minimum spacing from one
another. The wiring layout for these traces is critical for
stable, low-ripple outputs (see the
Layout and
Grounding section).
MOSFET Switches (N1-N4)
The four N-channel power MOSFETs are usually iden-
tical and must be “logic-level” FETs; that is, they must
be fully on (have low rDS(ON)) with only 4V gate-
source drive voltage. The MOSFET rDS(ON) should
ideally be about twice the value of the sense resistor.
MOSFETs with even lower rDS(ON) have higher gate
capacitance, which increases switching time and
transition losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com