Electronic Components Datasheet Search
  English  ▼

X  

MAX782SCBX Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX782SCBX
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX782SCBX Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX782SCBX Datasheet HTML 17Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 18Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 19Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 20Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 21Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 22Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 23Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 24Page - Maxim Integrated Products MAX782SCBX Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Triple-Output Power-Supply
Controller for Notebook Computers
______________________________________________________________________________________
21
5. Keep the gate connections to the MOSFETs short for
low inductance (less than 20mm long and more than
0.5mm wide) to ensure clean switching.
6. To achieve good shielding, it is best to keep all
high-voltage switching signals (MOSFET gate dri-
ves DH3 and DH5, BST3 and BST5, and the two LX
nodes) on one side of the board and all sensitive
nodes (CS3, CS5, FB3, FB5 and REF) on the other
side.
7. Connect the GND and PGND pins directly to the
ground plane, which should ideally be an inner layer
of a multilayer board.
8. Connect the bypass capacitor C2 very close (less
than 10mm) to the VL pin.
9. Minimize the capacitance at the transformer sec-
ondary. Place D5 and C12 very close to each other
and to the secondary, then route the output to the IC’s
VDD pin with a short trace. Bypass with 0.1µF close
to the VDD pin if this trace is longer than 50mm.
The layout for the evaluation board is shown in the
Evaluation Kit section. It provides an effective, low-
noise, high-efficiency example.
Power-Ready and Power Sequencing
A “power-ready” signal can be generated from one of
the comparator outputs by connecting one of the sup-
plies (e.g., the +5V output – see Figure 6) through a
high-resistance voltage divider to the comparator input.
The threshold for the +5V-output comparator is set by
R1 and R2 according to the formula: VTH = 1.65V x (R1
+ R2) / R2. For example, choosing R1 = 1M
Ω and R2 =
604k
Ω sets the nominal threshold to 4.38V.
If the power-ready signal is required to indicate when
both the +3.3V and the +5V supplies have come up,
use the MAX707 supervisory circuit shown in Figure 7.
The threshold for the +3.3V-line comparator is set by
R1 and R2 according to the formula: VTH = 1.25V x (R1
+ R2) / R2. For example, choosing R1 = 1.2M
Ω and R2
= 1M
Ω sets the nominal threshold to 2.75V. The thresh-
old for the +5V supply is preset inside the MAX707,
and is typically 4.65V. The reset outputs remain assert-
ed while either supply line is below its threshold, and
for at least 140ms after both lines are fully up.
If sequencing of the +3.3V and +5V supplies is critical,
several approaches are possible. For example, the
SS3 and SS5 capacitors can be sized to ensure that
the two supplies come up in the desired order. This
technique requires that the SS capacitors be selected
specifically for each individual situation, because the
loading on each supply affects its power-up speed.
Another approach uses the “power-ready” comparator
output signal (see Figure 6) from one supply as a con-
trol input to the ON_ pin of the other supply.
MAX782
1M
604k
R1
R2
D_
GND
1.65V
Q_
FB5
+5V
POWER-READY
+5V
SUPPLY
Figure 6. Power-Ready Signal for the +5V Supply
RESET
MAX707
+5V
SUPPLY
+3.3V
SUPPLY
R1
1.24M
R2
1M
POWER READY
POWER READY
PFI
1.25V
GND
4.65V
PFO
MR
RESET
RESET
VCC
Figure 7. Power-Ready Signal Covers Both +3.3V and +5V
Supplies with External Voltage Monitor IC (MAX707)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com