Electronic Components Datasheet Search
  English  ▼

X  

M3L Datasheet(PDF) 1 Page - International Rectifier

Part # M3L
Description  28V Input, Single/Dual Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3L Datasheet(HTML) 1 Page - International Rectifier

  M3L Datasheet HTML 1Page - International Rectifier M3L Datasheet HTML 2Page - International Rectifier M3L Datasheet HTML 3Page - International Rectifier M3L Datasheet HTML 4Page - International Rectifier M3L Datasheet HTML 5Page - International Rectifier M3L Datasheet HTML 6Page - International Rectifier M3L Datasheet HTML 7Page - International Rectifier M3L Datasheet HTML 8Page - International Rectifier M3L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
09/08/06
www.irf.com
1
HYBRID - HIGH RELIABILITY
RADIATION TOLERANT
DC/DC CONVERTER
M3L-SERIES
Description
n Total Dose > 25K Rad(Si)
n SEE Hardened to LET up to 37 MeV.cm2/mg
n Internal EMI filter; Converter Capable of
meeting MIL-STD-461C CE03 and CS01
n Low Weight, < 85 grams
n Magnetically Coupled Feedback
n 16V to 50V DC Input Range
n Up to 25W Output Power
n Single and Dual Output Models Include
3.3, 5, 12, 15,
±5, ±12 and ±15V
n High Efficiency to 82%
n -55°C to +125°C Operating Temperature Range
n 100MΩ @ 500VDC Isolation
n Under-Voltage Lockout
n Short Circuit and Overload Protection
n Output Over Voltage Limiter
n Adjustable Output Voltage
n External Inhibit
n 1,500,000 Hour MTBF
Features
+ 28V Input, Single/Dual Output
The M3L-Series of DC/DC converters are radiation
tolerant, high reliability devices designed for moderate
radiation environments such as those encountered by
low earth orbit satellites and launch vehicles. For higher
radiation environments, the M3G-Series of DC/DC
converters is recommended. Features include small size,
low weight and a high tolerance to total ionizing dose,
single event effects and environmental stresses such
as temperature extremes, mechanical shock, and
vibration. All components are fully derated to meet the
requirements of MIL-STD-975 and MIL-STD-1547 and
GSFC PPL-21 Appendix B. Extensive documentation
including Radiation Susceptibility, Thermal Analysis,
Stress Analysis and MTBF are available.
The converters incorporate a fixed frequency single
forward topology with magnetic feedback and an internal
EMI filter. These converters are capable of meeting the
conducted emissions and conducted susceptibility
requirements of MIL-STD-461C without any additional
components. All models include an external inhibit port
and have an adjustable output voltage. They are
enclosed in a hermetic 1.5" x 2.3" x 0.425" steel package
and weigh less than 85 grams. The package utilizes
rugged ceramic feed-through copper core pins and is
sealed using parallel seam welding.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Non-flight versions of the M3L-Series converters are
available for system development purposes. Variations
in electrical specifications and screening to meet custom
requirements can be accommodated. Consult IR Santa
Clara for special requirements.
Applications
n Low Earth Orbit Satellites (LEO)
n Launch Vehicles
M3L
PD-94519B


Similar Part No. - M3L

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3L MTRONPTI-M3L Datasheet
261Kb / 1P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L MTRONPTI-M3L Datasheet
272Kb / 2P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L13FCN MTRONPTI-M3L13FCN Datasheet
261Kb / 1P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L13FCN MTRONPTI-M3L13FCN Datasheet
272Kb / 2P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L13FGN MTRONPTI-M3L13FGN Datasheet
261Kb / 1P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
More results

Similar Description - M3L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
28V Input, Single and Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
28V Input, Single Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
28V Input, Single/Dual Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
28V Input, Triple Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
28V Input, Triple Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
28V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com