Electronic Components Datasheet Search
  English  ▼

X  

M3L Datasheet(PDF) 11 Page - International Rectifier

Part # M3L
Description  28V Input, Single/Dual Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3L Datasheet(HTML) 11 Page - International Rectifier

Back Button M3L Datasheet HTML 4Page - International Rectifier M3L Datasheet HTML 5Page - International Rectifier M3L Datasheet HTML 6Page - International Rectifier M3L Datasheet HTML 7Page - International Rectifier M3L Datasheet HTML 8Page - International Rectifier M3L Datasheet HTML 9Page - International Rectifier M3L Datasheet HTML 10Page - International Rectifier M3L Datasheet HTML 11Page - International Rectifier M3L Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
M3L-SERIES
Mechanical outline
Pin Designation (Single/Dual)
Pin ø
0.040
ø 0.128
4 Plcs
2.300
1.550
0.375
0.850
0.350
1.500 1.750 2.000
2.80
Ref
0.250
0.425
Max
0.050
0.470
0.400
2 Eq Spaces
@ 0.200
0.270
1.000
Ref
0.400
0.400
0.200
Tolerance: .XX = ±0.01
.XXX = ±0.005
0.220
0.25 Typ.
Pin #
Single
Dual
1
+ Input
+ Input
2
Input Return
Input Return
3
Case
Case
4
Inhibit
Inhibit
5
Output Adjust
Output Adjust
6
Output Return
- Vout
7
+ Vout
Output Return
8
NC
+ Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com