Electronic Components Datasheet Search
  English  ▼

X  

OM1321 Datasheet(PDF) 3 Page - International Rectifier

Part # OM1321
Description  Similar To Industry Standard LM117HV
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM1321 Datasheet(HTML) 3 Page - International Rectifier

  OM1321 Datasheet HTML 1Page - International Rectifier OM1321 Datasheet HTML 2Page - International Rectifier OM1321 Datasheet HTML 3Page - International Rectifier OM1321 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.5 - 7
3.5
OM1321NTM, OM1321STM, OM1321NKM, OM1321SMM, OM1321NMM, OM1321N2M
OM1321STM
Vin
Cin*
0.1 µF
Vout
Co**
1.0 µF
R2
Adjust
IAdj
R1
240Ω
STANDARD APPLICATION
*Cin is required if regulator is located an
appreciable distance from power supply filter.
** Co is not needed for stability, however it does
improve transient response.
Vout = 1.25 V (1 +
)+ IAd j R2
Since IAdj is controlled to less than 100 µA,
the error associated with this term is negligible
in most applications.
R2
R1
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
VDIFF = 3.0V, TA = 25°C
1.20
1.30
VDIFF = 3.3V
•
1.20
1.30
V
VDIFF = 40V
•
1.20
1.30
VDIFF = 60V
•
1.20
1.30
Line Regulation
RLINE
3.0V ≤ VDIFF ≤ 40V, Vout = Vref, TA = 25°C
-9
9
(Note 1)
3.3V ≤ VDIFF ≤ 40V, Vout = Vref
•
-23
23
mV
40V ≤ VDIFF ≤ 60V, Vout = Vref, TA = 25°C
-5
5
40V ≤ VDIFF ≤ 60V, Vout = Vref
•
-10
10
Load Regulation
RLOAD
VDIFF = 3.0V, 10mA ≤ IL ≤ 500 mA, TA = 25°C
-15
15
(Note 1)
VDIFF = 3.3V, 10mA ≤ IL ≤ 500 mA
•
-15
15
mV
VDIFF = 40V, 10mA ≤ IL ≤ 150 mA, TA = 25°C
-15
15
VDIFF = 40V, 10mA ≤ IL ≤ 100 mA
•
-15
15
VDIFF = 60V, 10mA ≤ IL ≤ 20 mA
•
-15
15
Thermal Regulation
VRTH
Vin = 14.6V, IL = 300 mA
-3.1
3.1
mV
Pd = 4.0 Watts, t = 20 ms, TA = 25°C
Ripple Rejection
RN
f = 120 Hz, Vout = Vref
•
66
dB
(Note 2)
CAdj = 10 µF, Iout = 100 mA
Adjustment Pin Current
IAdj
VDIFF = 3.0V, TA = 25°C
100
VDIFF = 3.3V
•
100
µA
VDIFF = 40V
•
100
VDIFF = 60V
•
100
Adjustment Pin
∆IAdj
VDIFF = 3.0V, 10mA ≤ IL ≤ 500 mA, TA = 25°C
-5
5
Current Change
VDIFF = 3.3V, 10mA ≤ IL ≤ 500 mA
•
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 150 mA, TA = 25°C
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 100 mA
•
-5
5
µA
3.0V ≤ VDIFF ≤ 40V, TA = 25°C
-5
5
3.3V ≤ VDIFF ≤ 40V
•
-5
5
3.3V ≤ VDIFF ≤ 60V
•
-5
5
Miminum Load Current
ILmin
VDIFF = 3.0V, Vout = 1.4V (forced)
5.0
VDIFF = 3.3V, Vout = 1.4V (forced)
•
5.0
mA
VDIFF = 40V, Vout = 1.4V (forced)
•
5.0
VDIFF = 60V, Vout = 1.4V (forced)
•
7.0
Current Limit
ICL
VDIFF = 5V
•
0.5
1.65
(Note 2)
VDIFF = 40V, TA = 25°C
0.15
0.65
A
VDIFF = 60V, TA = 25°C
0.02
0.28
Notes: Please see previous page.
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C, IL = 8mA (unless otherwise specified)
OM1321N2M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com