Electronic Components Datasheet Search
  English  ▼

X  

OM1321 Datasheet(PDF) 1 Page - International Rectifier

Part # OM1321
Description  Similar To Industry Standard LM117HV
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM1321 Datasheet(HTML) 1 Page - International Rectifier

  OM1321 Datasheet HTML 1Page - International Rectifier OM1321 Datasheet HTML 2Page - International Rectifier OM1321 Datasheet HTML 3Page - International Rectifier OM1321 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.5 - 5
3.5
Three Terminal, Precision Adjustable
Positive Voltage Regulator In Hermetic
Style Packages (LM117HV)
4 11 R2
Supersedes 1 07 R1
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE
REGULATOR APPROVED TO DESC DRAWING 7703402
FEATURES
• Similar To Industry Standard LM117HV
• Approved To DESC Standardized Military Drawing Number 7703402
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
• Available In Six Package Styles
DESCRIPTION
These three terminal positive regulators are supplied in hermetically sealed
packages. All protective features are designed into the circuit, including thermal
shutdown, current-limiting, and safe-area control. With heat sinking, these devices
can deliver up to 1.5 amps of output current. The LCC-20 device is limited to .5
amps. The unit also features output voltages that can be fixed from 1.2 volts to 57
volts using external resistors.
ABSOLUTE MAXIMUM RATINGS T
c @ 25°C
Power Dissipation
Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 W
Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 V
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Thermal Resistance, Junction to Case:
Case 2, LCC-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17°C/W
Case U & M, TO-257 (Isol) and SMD-3 . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2°C/W
Case T&N, TO-257 (Non-Isol) and SMD-1 . . . . . . . . . . . . . . . . . . . . . . . 3.5°C/W
Case Y, TO-3. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.0°C/W
Maximum Output Current:
Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
.5 A
Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 A
Recommended Operating Conditions:
Output Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.2 to 37 VDC
Ambient Operating Temperature Range (TA). . . . . . . . . . . . . . . . - 55°C to + 125°C
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.25 to 41.25 VDC
OM1321STM
OM1321N2M
OM1321NMM
OM1321NTM
OM1321SMM
OM1321NKM
Please see mechanical
outlines herein


Similar Part No. - OM1321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1321N2M ETC1-OM1321N2M Datasheet
40Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402
logo
International Rectifier
OM1321N2M IRF-OM1321N2M Datasheet
41Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1321NKM ETC1-OM1321NKM Datasheet
40Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402
logo
International Rectifier
OM1321NKM IRF-OM1321NKM Datasheet
41Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1321NMM ETC1-OM1321NMM Datasheet
40Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402
More results

Similar Description - OM1321

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
logo
International Rectifier
IRG4BC10UDPBF IRF-IRG4BC10UDPBF_15 Datasheet
323Kb / 11P
INDUSTRY STANDARD TO-220AB PACKAGE
OM1320 IRF-OM1320_15 Datasheet
42Kb / 4P
Similar To Industry Standard LM117
OM1324 IRF-OM1324_15 Datasheet
41Kb / 4P
Similar To Industry Standard LM117A
OM1326 IRF-OM1326_15 Datasheet
43Kb / 4P
Similar To Industry Standard LM117AHV
logo
Energizer
393-309TZ ENERGIZER-393-309TZ Datasheet
332Kb / 1P
Industry Standard Dimensions
AC13-4AP ENERGIZER-AC13-4AP Datasheet
170Kb / 1P
Industry Standard Dimensions
357-303TZ ENERGIZER-357-303TZ Datasheet
73Kb / 1P
Industry Standard Dimensions
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
Industry-Standard Pinout
2016-12-20
logo
Energizer
E95 ENERGIZER-E95 Datasheet
176Kb / 1P
Industry Standard Dimensions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com