Electronic Components Datasheet Search
  English  ▼

X  

MAX765 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX765
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX765 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX765 Datasheet HTML 1Page - Maxim Integrated Products MAX765 Datasheet HTML 2Page - Maxim Integrated Products MAX765 Datasheet HTML 3Page - Maxim Integrated Products MAX765 Datasheet HTML 4Page - Maxim Integrated Products MAX765 Datasheet HTML 5Page - Maxim Integrated Products MAX765 Datasheet HTML 6Page - Maxim Integrated Products MAX765 Datasheet HTML 7Page - Maxim Integrated Products MAX765 Datasheet HTML 8Page - Maxim Integrated Products MAX765 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
_______________________________________________________________________________________
5
1000
0.01
0
2
4
6
10
12
14
816
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0.1
SUPPLY VOLTAGE (V)
1
10
100
ILOAD = 100mA
ILOAD = 0mA
CIRCUIT OF FIGURE 2
-60
REFERENCE OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
0
50
100
150
200
250
IREF = 10µA
IREF = 50µA
IREF = 100µA
____________________________Typical Operating Characteristics (continued)
(V+ = 5V, VOUT = -5V, TA = +25°C, unless otherwise noted.)
0.8
-60
LX ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
IVOUTI + (V+) = 10V
1.0
1.2
1.4
1.6
1.8
2.0
2.2
IVOUTI + (V+) = 15V
IVOUTI + (V+) = 20V
-60
PEAK CURRENT AT LX
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
0.65
0.70
0.75
0.80
0.85
0.90
0.95
IVOUTI + (V+) = 20V
IVOUTI + (V+) = 15V
IVOUTI + (V+) = 10V
-60
REFERENCE OUTPUT
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
1.506
1.504
1.502
1.500
1.498
1.496
1.494
1.492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com