Electronic Components Datasheet Search
  English  ▼

X  

MAX765 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX765
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX765 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX765 Datasheet HTML 3Page - Maxim Integrated Products MAX765 Datasheet HTML 4Page - Maxim Integrated Products MAX765 Datasheet HTML 5Page - Maxim Integrated Products MAX765 Datasheet HTML 6Page - Maxim Integrated Products MAX765 Datasheet HTML 7Page - Maxim Integrated Products MAX765 Datasheet HTML 8Page - Maxim Integrated Products MAX765 Datasheet HTML 9Page - Maxim Integrated Products MAX765 Datasheet HTML 10Page - Maxim Integrated Products MAX765 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
_______________________________________________________________________________________
7
CIRCUIT OF FIGURE 2, V+ = 5V, VOUT = -5V, ILOAD = 80mA
A: OUTPUT RIPPLE, 100mV/div
B: INDUCTOR CURRENT, 500mA/div
C: LX WAVEFORM, 10V/div
5
µs/div
DISCONTINUOUS CONDUCTION AT
HALF CURRENT LIMIT
A
B
0A
C
0V
CIRCUIT OF FIGURE 2, V+ = 5V, VOUT = -5V, ILOAD = 240mA
A: OUTPUT RIPPLE, 100mV/div
B: INDUCTOR CURRENT, 500mA/div
C: LX WAVEFORM, 10V/div
5
µs/div
CONTINUOUS CONDUCTION AT
FULL CURRENT LIMIT
A
B
0A
C
0V
______________________________________________________________Pin Description
Ground
GND
5
Positive Power-Supply Input. Must be tied together. Place a 0.1µF input bypass capacitor as close to
the V+ and GND pins as possible.
V+
6, 7
Drain of the Internal P-Channel Power MOSFET. LX has a peak current limit of 0.75A.
LX
8
1.5V Reference Output that can source 100µA for external loads. Bypass to ground with a 0.1µF capacitor.
REF
4
Active-High Shutdown Input. With SHDN high, the part is in shutdown mode and the supply current is less
than 5µA. Connect to ground for normal operation.
SHDN
3
PIN
Feedback Input. Connect FB to REF to use the internal voltage divider for a preset output. For adjustable-
output operation, use an external voltage divider, as described in the section
Setting the Output Voltage.
FB
2
Sense Input for Fixed-Output Operation (VFB = VREF). OUT must be connected to VOUT.
OUT
1
FUNCTION
NAME
____________________________Typical Operating Characteristics (continued)
(V+ = 5V, VOUT = -5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com