Electronic Components Datasheet Search
  English  ▼

X  

OM6005SC Datasheet(PDF) 4 Page - International Rectifier

Part # OM6005SC
Description  Isolated Hermetic Metal Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM6005SC Datasheet(HTML) 4 Page - International Rectifier

  OM6005SC_15 Datasheet HTML 1Page - International Rectifier OM6005SC_15 Datasheet HTML 2Page - International Rectifier OM6005SC_15 Datasheet HTML 3Page - International Rectifier OM6005SC_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OM6005SC - OM6108SC
3.1
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameter
OM6005SC OM6006SC OM6007SC OM6008SC
Units
OM6105SC OM6106SC OM6107SC OM6108SC
V
DS
Drain-Source Voltage
100
200
400
500
V
V
DGR
Drain-Gate Voltage (R
GS = 1 M )
100
200
400
500
V
I
D @ TC = 25°C
Continuous Drain Current2
±35
±30
±15
±13
A
I
D @ TC = 100°C
Continuous Drain Current2
± 25
±19
±9
±8
A
I
D
Pulsed Drain Current1
±160
±120
±60
±52
A
P
D @ TC = 25°C
Maximum Power Dissipation
125
125
125
125
W
P
D @ TC = 100°C
Maximum Power Dissipation
50
50
50
50
W
Junction To Case
Linear Derating Factor1
1.0
1.0
1.0
1.0
W/°C
Junction To Ambient
Linear Derating Factor
.025
.025
.025
.025
W/°C
T
J
Operating and
T
stg
Storage Temperature Range
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Lead Temperature
(1/16" from case for 10 secs.)
300
300
300
300
°C
1 Pulse Test: Pulse width 300 µsec. Duty Cycle 2%.
2 Package Pin Limitation = 35 Amps
THERMAL RESISTANCE (MAXIMUM) at TA = 25°C
R
thJC
Junction-to-Case
1.0
°C/W
R
thJA
Junction-to-Ambient
40
°C/W Free Air Operation
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.200 TYP.
.550
.530
.270
.240
.045
.035
.140 TYP.
.092 MAX.
.065
.055
.005
POWER DERATING
MECHANICAL OUTLINE
WITH PIN CONNECTION
12
3
Pin 1: Drain
Pin 2: Source
Pin 3: Gate
Note: MOSFETs are also available in Z-Tab, dual and quad pak styles. Duals and quads available in non-gate versions only.
Please call the factory for more information.
PACKAGE OPTIONS
MOD PAK
Z-TAB
6 PIN SIP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com