Electronic Components Datasheet Search
  English  ▼

X  

OM6005SC Datasheet(PDF) 1 Page - International Rectifier

Part # OM6005SC
Description  Isolated Hermetic Metal Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM6005SC Datasheet(HTML) 1 Page - International Rectifier

  OM6005SC_15 Datasheet HTML 1Page - International Rectifier OM6005SC_15 Datasheet HTML 2Page - International Rectifier OM6005SC_15 Datasheet HTML 3Page - International Rectifier OM6005SC_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.1 - 75
3.1
100V Thru 500V, Up To 35 Amp, N-Channel
MOSFET With Or Without Zener Gate
Clamp Protection
4 11 R5
Supersedes 1 07 R4
POWER MOSFET IN HERMETIC ISOLATED
JEDEC TO-258AA PACKAGE
FEATURES
• Isolated Hermetic Metal Package
• Bi-Lateral Zener Gate Protection (Optional)
• Fast Switching, Low Drive Current
• Ease Of Paralleling For Added Power
• Low RDS(on)
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of hermetically packaged products feature the latest advanced MOSFET
and packaging technology. They are ideally suited for Military requirements where
small size, high performance and high reliability are required, and in applications such
as switching power supplies, motor controls, inverters, choppers, audio amplifiers and
high energy pulse circuits. The MOSFET gates are protected using bi-lateral zener
clamps in the OM6105SC series.
MAXIMUM RATINGS
OM6107SC
OM6108SC
OM6105SC
OM6106SC
OM6007SC
OM6008SC
OM6005SC
OM6006SC
PART NUMBER
VDS
RDS(on)
ID
OM6005SC/OM6105SC
100 V
.065
35 A
OM6006SC/OM6106SC
200 V
.095
30 A
OM6007SC/OM6107SC
400 V
0.3
15 A
OM6008SC/OM6108SC
500 V
0.4
13 A
Note:
OM6105SC thru OM6108SC is supplied with zener gate protection.
OM6005SC thru OM6008SC is supplied without zener gate protection.
SCHEMATIC
WITHOUT ZENER CLAMPS
WITH ZENER CLAMPS
OM6005SC - 6008SC
OM6105SC - 6108SC
2 - SOURCE
3 - GATE
ZENERS
1 - DRAIN
3 - GATE
1 - DRAIN
2 - SOURCE


Similar Part No. - OM6005SC_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
More results

Similar Description - OM6005SC_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
logo
International Rectifier
OM55N10SC IRF-OM55N10SC_15 Datasheet
81Kb / 8P
Isolated Hermetic Metal Packages
OM6001ST IRF-OM6001ST_15 Datasheet
49Kb / 4P
Isolated Hermetic Metal Package
OM6025SC IRF-OM6025SC_15 Datasheet
42Kb / 4P
Isolated Hermetic Metal Package
OM6516SC IRF-OM6516SC_15 Datasheet
26Kb / 2P
Isolated IGBTs In A Hermetic Package
OM6517SA IRF-OM6517SA_15 Datasheet
38Kb / 2P
Isolated IGBTs In A Hermetic Package
logo
Inchange Semiconductor ...
2N7081 ISC-2N7081 Datasheet
65Kb / 2P
TO??20 ISOLATED HERMETIC PACKAGE
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0420 AVAGO-MSA-0420 Datasheet
154Kb / 4P
Hermetic Metal/Beryllia Microstrip Package
MSA-1120 AVAGO-MSA-1120 Datasheet
155Kb / 4P
Hermetic Metal/Beryllia Microstrip Package
logo
New Jersey Semi-Conduct...
SBR1645-T254 NJSEMI-SBR1645-T254 Datasheet
82Kb / 1P
HERMETIC TO254 METAL PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com