Electronic Components Datasheet Search
  English  ▼

X  

MAX807LEPE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX807LEPE
Description  Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX807LEPE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX807LEPE Datasheet HTML 8Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 9Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 10Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 11Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 12Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 13Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 14Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 15Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
Full-Featured µP Supervisory Circuit with
±1.5% Reset Accuracy
MAX807
RESET
RESET
RESET
+12V SUPPLY FAILURE
BATT OK
PFO
WDO
LOW LINE
WDI
CE IN
CE OUT
+5V
+12V
SUPPLY
OUT
BATT
REAL-
TIME
CLOCK
*MaxCap.
MR
OTHER
SYSTEM
RESET
SOURCES
BATT ON
ADDRESS
DECODE
0.1
µF
0.1
µF
0.47F*
VCC
PFI
GND
µP
PUSH-
BUTTON
SWITCH
CMOS
RAM
A0–A15
I/O
NMI
RESET
INTERRUPT
WATCHDOG FAILURE
Typical Operating Circuit
___________________Chip Information
4.425
4.50
4.35
M
4.675
4.575
4.65
TYP
4.75
RESET THRESHOLD (V)
4.60
4.50
MAX
MIN
N
L
SUFFIX
16 Plastic DIP
-40°C to +85°C
MAX807_EPE
16 Wide SO
0°C to +70°C
MAX807_CWE
16 CERDIP
16 Wide SO
16 Plastic DIP
PIN-PACKAGE
TEMP RANGE
0°C to +70°C
-40°C to +85°C
-55°C to +125°C
MAX807_MJE
MAX807_EWE
MAX807_CPE
PART
†
TRANSISTOR COUNT: 984
Ordering Information
† This part offers a choice of reset threshold voltage. From the
table below, select the suffix corresponding to the desired
threshold and insert it into the blank to complete the part number.
Devices in PDIP, SO and TSSOP packages are available in
both leaded and lead-free packaging. Specify lead free by
adding the + symbol at the end of the part number when
ordering. Lead free not available for CERDIP package.
16 TSSOP
0°C to +70°C
MAX807_CUE
16 TSSOP
-40°C to +85°C
MAX807_EUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com