Electronic Components Datasheet Search
  English  ▼

X  

MAX807LEPE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX807LEPE
Description  Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX807LEPE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX807LEPE Datasheet HTML 1Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 2Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 3Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 4Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 5Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 6Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 7Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 8Page - Maxim Integrated Products MAX807LEPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Full-Featured µP Supervisory Circuit with
±1.5% Reset Accuracy
_______________________________________________________________________________________
3
VIH
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.60V to 5.5V for the MAX807L, VCC = 4.50V to 5.5V for the MAX807N, VCC = 4.35V to 5.5V for the MAX807M,
VBATT = 2.8V, VPFI = 0V, TA = TMIN to TMAX. Typical values are tested with VCC = 5V and TA = +25°C, unless otherwise noted.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Sink current
70
4.600
4.675
4.750
V
5
BATT ON Output
Short-Circuit Current
Source current, VCC = 0V, VBATT = 2.8V
4.350
4.425
4.500
LOW LINE to RESET
Threshold Voltage
VLR
Reset Threshold Hysteresis
VCC falling
30
52
70
mV
13
mV
4.500
4.575
4.650
VRST
Reset Threshold
VCC rising and falling
4.63
4.71
MAX807N
VCC to LOW LINE Delay
VCC falling at 1mV/µs
24
µs
µs
26
VCC to RESET Delay
VCC falling at 1mV/µs
4.48
4.56
MAX807M
Minimum Watchdog Input
Pulse Width
Watchdog-Timeout Period
VIL = 0.8V, VIH = 0.75 x VCC
tWD
100
ns
V
1.12
1.6
2.24
s
ms
140
200
280
tRP
RESET Active-Timeout Period
VCC rising
4.73
4.81
MAX807L
MAX807L
MAX807N
MAX807M
0.3
0.3
ISINK = 50µA,
VBATT = 0V, VCC falling
VCC - 1.5
VCC - 0.1
RESET Output Voltage
ISOURCE = 0.1mA
0.1
0.4
ISINK = 3.2mA, VCC = 4.25V
mA
60
Output sink current, VCC = 4.25V
1.6
ISC
RESET Output
Short-Circuit Current
Output source current
VCC = 1V,
MAX807_C
VCC = 1.2V,
MAX807_E/M
V
0.4
ISINK = 3.2mA
VCC - 1.5
RESET Output Voltage
ISOURCE = 5mA
V
0.4
ISINK = 3.2mA, VCC = 4.25V
VCC - 1.5
LOW LINE Output Voltage
ISOURCE = 5mA
mA
60
Output sink current
15
ISC
RESET Output
Short-Circuit Current
Output source current, VCC = 4.25V
mA
28
Output sink current, VCC = 4.25V
20
ISC
LOW LINE Output
Short-Circuit Current
Output source current
V
0.4
ISINK = 3.2mA
VCC - 1.5
WDO Output Voltage
ISOURCE = 5mA
mA
mA
35
Output sink current
20
ISC
WDO Output
Short-Circuit Current
Output source current
VLL
V
LOW LINE Threshold,
VCC Rising
V
0.75 x VCC
0.8
VIH
WDI Threshold Voltage
(Note 4)
VIL
µA
-50
-10
Reset deasserted, WDI = 0V
16
50
WDI Input Current
Reset deasserted, WDI = VCC
RESET, LOW LINE, AND WATCHDOG TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com