Electronic Components Datasheet Search
  English  ▼

X  

MAX792LC/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX792LC/D
Description  Microprocessor and Non-Volatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792LC/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX792LC/D Datasheet HTML 8Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 9Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 10Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 11Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 12Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 13Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 14Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 15Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Microprocessor and Non-Volatile
Memory Supervisory Circuits
14
______________________________________________________________________________________
Alternative Chip-Enable Gating
Using memory devices with both CE and CE inputs
allows the MAX792/MAX820 CE propagation delay
to be bypassed. To do this, connect CE IN to ground,
pull up CE OUT to VCC, and connect CE OUT to the CE
input of each memory device (Figure 11). The CE input
of each memory device then connects directly to the
chip-select logic, which does not have to be gated by
the MAX792/MAX820.
Interfacing to µPs with Bidirectional
Reset Inputs
µPs with bidirectional reset pins, such as the Motorola
68HC11 series, can contend with the MAX792/MAX820
RESET output. If, for example, the MAX792/MAX820 RESET
output is asserted high and the µP wants to pull it low,
indeterminate logic levels may result. To avoid this,
connect a 4.7k
Ω resistor between the MAX792/MAX820
RESET output and the µP reset I/O, as in Figure 12.
Buffer the MAX792/MAX820 RESET output to other sys-
tem components.
Negative-Going VCC Transients
While issuing resets to the µP during power-up, power-
down, and brownout conditions, these supervisors are
relatively immune to short-duration negative-going VCC
transients (glitches). It is usually undesirable to reset
the µP when VCC experiences only small glitches.
Figure 13 shows maximum transient duration vs. reset-
comparator overdrive, for which reset pulses are not
generated. The graph was produced using negative-
going VCC pulses, starting at 5V and ending below the
reset threshold by the magnitude indicated (reset-
comparator overdrive). The graph shows the maximum
pulse width a negative-going VCC transient may typi-
cally have without causing a reset pulse to be issued.
As the amplitude of the transient increases (i.e., goes
farther below the reset threshold), the maximum allow-
able pulse width decreases. Typically, a VCC transient
that goes 100mV below the reset threshold and lasts for
30µs or less will not cause a reset pulse to be issued.
A 100nF bypass capacitor mounted close to the VCC
pin provides additional transient immunity.
MAX792
MAX820
13
14
12
+5V
GND
3
VCC
CE IN
CE OUT
CE
CE
CE
CE
CE
CE
CE
CE
RAM 1
RAM 2
RAM 3
RAM 4
ACTIVE-HIGH CE
LINES FROM LOGIC
MAXIMUM RP VALUE DEPENDS ON
THE NUMBER OF RAMS.
MINIMUM RP VALUE IS 1kΩ
*
RP*
Figure 11. Alternate CE Gating
VCC
VCC
VCC
BUFFER
TO OTHER
SYSTEM RESET
INPUTS
4.7k
1
RESET
RESET
GND
GND
12
MAX792
MAX820
µP
3
Figure 12. Interfacing to µPs with Bidirectional RESET Pins
Figure 13. Maximum Transient Duration without Causing a
Reset Pulse vs. Reset-Comparator Overdrive
100
0
10
100
10,000
40
20
80
60
RESET COMPARATOR OVERDRIVE, (VTH - VCC) (mV)
1000
VCC = 5V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com