Electronic Components Datasheet Search
  English  ▼

X  

MAX792LC/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX792LC/D
Description  Microprocessor and Non-Volatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792LC/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX792LC/D Datasheet HTML 8Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 9Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 10Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 11Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 12Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 13Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 14Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 15Page - Maxim Integrated Products MAX792LC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SUFFIX
RESET THRESHOLD (V)
L
M
T
S
R
4.62
4.37
3.06
2.91
2.61
Microprocessor and Non-Volatile
Memory Supervisory Circuits
______________________________________________________________________________________
15
_Ordering Information (continued)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
WDPO
WDO
CE IN
CE OUT
RESET IN/INT
VCC
RESET
RESET
TOP VIEW
MAX792
MAX820
GND
WDI
LOW LINE
MR
SWT
OVI
OVO
LLIN/REFOUT
DIP/SO
Pin Configuration
* Dice are tested at TA = +25°C.
**These parts offer a choice of five different reset threshold volt-
ages. Select the letter corresponding to the desired nominal
reset threshold voltage and insert it into the blank to complete
the part number.
PART**
TEMP. RANGE
PIN-PACKAGE
MAX792_EPE
-40°C to +85°C
16 Plastic DIP
MAX792_ESE
-40°C to +85°C
16 Narrow SO
MAX792_EJE
-40°C to +85°C
16 CERDIP
MAX792_MJE
-55°C to +125°C
16 CERDIP
MAX820_CPE
-0°C to +70°C
16 Plastic DIP
MAX820_CSE
-0°C to +70°C
16 Narrow SO
MAX820_EPE
-40°C to +85°C
16 Plastic DIP
MAX820_ESE
-40°C to +85°C
16 Narrow SO
MAX820_EJE
-40°C to +85°C
16 CERDIP
MAX820_MJE
-55°C to +125°C
16 CERDIP
MR
SWT
OVI
0.078"
(1.981mm)
0.070"
(1.778mm)
RESET IN/
INT
LLIN/
REF OUT
OVO
LOW LINE
WDI
GND
CE OUT
RESET
RESET
WDPO
WDO
VCC
CE IN
___________________Chip Topography
TRANSISTOR COUNT: 950
SUBSTRATE CONNECTED TO VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com