Electronic Components Datasheet Search
  English  ▼

X  

MAX780DCAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX780DCAP
Description  Dual-Slot PCMCIA Analog Power Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX780DCAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX780DCAP Datasheet HTML 1Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 2Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 3Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 4Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 5Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 6Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 7Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 8Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual-Slot PCMCIA Analog Power Controller
________________________________________________________________ Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
Ordering Information continued on last page.
* Contact factory for dice specifications.
19-0125; Rev. 1; 8/93
_______________General Description
The MAX780A provides the power switching and status
signals necessary to control two Personal Computer
Memory Card International Association (PCMCIA)
Release 2.0 card slots. The MAX780A, used in conjunc-
tion with a PC Card Interface Digital Controller, forms a
complete, minimum component count PCMCIA interface
for palmtop and notebook computers.
The MAX780A incorporates two 0V/+5V/+12V/high-
impedance power outputs for flash VPP programming,
level shifters for power MOSFET control of two sepa-
rate +3.3V/+5V supplies, and two VPP power-ready
status signals. The MAX780A may be directly con-
nected to the control outputs from a PCMCIA digital
controller, or may be configured to use internal edge-
triggered registers for connection to the CPU data bus.
The MAX780B has all the features of the MAX780A but
omits the reference and VPP valid indicators. The
MAX780C has all the features of the MAX780A but
omits the registers for the digital inputs. The MAX780D
omits the reference, the VPP valid indicators, and the
digital input registers.
PART
TEMP. RANGE
PIN-PACKAGE
MAX780ACNG
24 Narrow Plastic DIP
MAX780ACAG
24 SSOP
MAX780AC/D
0°C to +70°C
Dice*
MAX780AENG
24 Narrow Plastic DIP
MAX780AEAG
-40°C to +85°C
24 SSOP
0°C to +70°C
0°C to +70°C
-40°C to +85°C
___________________________Features
o SSOP Circuit Fits in 0.09in2
o Smallest Complete Analog Controller for Two
PCMCIA (Release 2.0/JEIDA 4.1) PC Card Sockets
o Dual VCC Contols and VPP Outputs
o Logic-Compatible with Industry-Standard
PCMCIA Digital Controllers:
Intel 82365SL_DF
Fujitsu MB86301
Chips and Technology F8680
Cirrus Logic CL-PD6720
o 0V/+5V/+12V/High-Impedance VPP Outputs
o Internal 1.6
Ω VPP Power Switches
o Dual Voltage 3.3V/5V VCC Operation
o VPP Power-Ready Status Signals
o 130µA Quiescent Supply Current
(3.5µA in Shutdown)
o Break-Before-Make Switching
______________Ordering Information
_______________________Applications
Notebook and Palmtop Computers
Personal Organizers
Digital Cameras
Handiterminals
Bar-Code Readers
Part
Number
Reference &
VPP Status
Indicators
Registers for
Direct
Connection to
CPU Data Bus
Dual VPP
Switches &
Level Shifters
for VCC
Switching
MAX780A
MAX780B
MAX780C
MAX780D
+12V
+5V
+3.3V
VPPIN
VCCIN
ADRV3
ADRV5
+5V
+5V
BDRV3
BDRV5
AVPP
BVPP
SHDN
DIGITAL
I/O
REF
C1
C2
WR
GND
VPP
VCC
PCMCIA SLOT
#2
VPP
VCC
PCMCIA SLOT
#1
PCMCIA
DIGITAL
CONTROLLER
MAX780A
__________Typical Operating Circuit


Similar Part No. - MAX780DCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX78000 MAXIM-MAX78000 Datasheet
428Kb / 47P
Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000EXG+ MAXIM-MAX78000EXG+ Datasheet
428Kb / 47P
Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000FTHR MAXIM-MAX78000FTHR Datasheet
1Mb / 16P
MAX78000FTHR Application Platform
Rev 0; 11/20
More results

Similar Description - MAX780DCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX613 MAXIM-MAX613 Datasheet
100Kb / 8P
Dual-Slot PCMCIA Analog Power Controllers
Rev 0; 11/93
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
G576 GMT-G576 Datasheet
271Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controllers
G574 GMT-G574 Datasheet
330Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
logo
RICOH electronics devic...
R5531V002 RICOH-R5531V002 Datasheet
160Kb / 9P
PCMCIA Power Controller
Rev. 1.10
R5534V RICOH-R5534V Datasheet
254Kb / 7P
PCMCIA Power Controller
Rev. 1.10
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com