Electronic Components Datasheet Search
  English  ▼

X  

MAX780DCAP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX780DCAP
Description  Dual-Slot PCMCIA Analog Power Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX780DCAP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX780DCAP Datasheet HTML 3Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 4Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 5Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 6Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 7Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 8Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 9Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 10Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Dual-Slot PCMCIA Analog Power Controller
_______________________________________________________________________________________
7
If a mechanical interlock switch cannot be used, an
extra MOSFET must be added, as shown in Figure 1.
Placing two N-channel MOSFETs in series with their
body diodes facing in opposite directions allows VCC to
be shut down to 0V without using a mechanical switch.
Switching Speed
The drive to the external MOSFETs ensures that the
3.3V supply is never connected to the 5V supply. This
is done by turning these transistors off quickly (using
active pull-down circuitry), and on more slowly (using
external pull-up resistors). The turn-on delay depends
on the value of the pull-up resistors, and on the gate
capacitance of the switching transistors. To save
power, use high-value resistors of up to 10M
Ω.
However, note that high-value resistors will increase the
time it takes to turn on the switched supplies
__________Applications Information
The MAX780 can be used with PCMCIA controllers
other than the Intel 82365SL DF. Figure 2 shows the
logic connections to the Cirrus Logic CL-PD6720
PCMCIA Host Adapter.
The MAX780 does not need a PCMCIA controller to
function. Tie C2 to VCCIN to allow direct VCC and VPP
control from the system bus. Figure 3 shows the con-
nection to the system bus. Figure 4 shows the timing
requirements.
Reading from a PCMCIA Port
without Using the VPP Supply
In the
Typical Operating Circuit, VCC is switched to
the PCMCIA ports using the 12V VPP supply, which
provides the gate drive needed to turn on the external
N-channel MOSFETs. In some cases, the high-power
VPP supply is only available when information has to be
written to the PCMCIA port, not when data is being
read. The VPP supply may have a quiescent current of
several milliamps, so it consumes more power than is
necessary simply to provide gate drive for some FETs.
In these circumstances, a separate gate-drive supply is
needed to turn on the external FETs. Ideally it should
have a low quiescent current and be capable of being
turned off when read access to the PCMCIA port is not
required. Doubling or tripling charge pumps can easily
be built using a convenient clock signal from elsewhere
in the system. Buffering the clock signal with a suitable
gate provides on/off control, as shown in Figure 5.
When driven at 100kHz or more by a CMOS gate pow-
ered from 5V, the doubler circuit outputs 8.6V when
loaded with 25k
Ω (equivalent to four 100kΩ pull-up
resistors). Under similar conditions, but when running
from 3.3V, the tripler circuit produces 7.9V.
BDRV3
ADRV3
ADRV5
VCCIN
MAX780_
+12V
100k
+12V
100k
+5V
1
µF
AVCC
1
µF
BVCC
+12V
100k
+3.3V
BDRV5
* EXTRA MOSFET
NOTE: BODY DIODES OF MOSFETS SHOWN FOR CLARITY.
*
*
+12V
100k
Figure 1. Using an Extra MOSFET to Replace the Mechanical
Interlock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com