Electronic Components Datasheet Search
  English  ▼

X  

MAX771 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX771
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX771 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX771 Datasheet HTML 1Page - Maxim Integrated Products MAX771 Datasheet HTML 2Page - Maxim Integrated Products MAX771 Datasheet HTML 3Page - Maxim Integrated Products MAX771 Datasheet HTML 4Page - Maxim Integrated Products MAX771 Datasheet HTML 5Page - Maxim Integrated Products MAX771 Datasheet HTML 6Page - Maxim Integrated Products MAX771 Datasheet HTML 7Page - Maxim Integrated Products MAX771 Datasheet HTML 8Page - Maxim Integrated Products MAX771 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
_______________________________________________________________________________________
5
250
0
-60
-20
60
140
REFERENCE OUTPUT RESISTANCE vs.
TEMPERATURE
50
TEMPERATURE (
°C)
20
100
150
-40
0
80
40
120
100
200
100µA
50µA
10µA
1.502
-60
-20
60
140
REFERENCE vs. TEMPERATURE
TEMPERATURE (
°C)
20
100
-40
0
80
40
120
1.500
1.498
1.496
1.494
1.492
1.504
1.506
4.0
-60
-20
60
140
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
20
100
-40
0
80
40
120
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
V+ = 15V
V+ = 4V
V+ = 8V
15.5
16.0
16.5
-60 -30
0
30
60
90
120
150
MAXIMUM SWITCH ON-TIME vs.
TEMPERATURE
TEMPERATURE (°C)
2.20
2.25
2.30
-60 -30
0
30
60
90
120
150
MINIMUM SWITCH OFF-TIME vs.
TEMPERATURE
TEMPERATURE (°C)
6.0
7.0
8.0
-60 -30
0
30
60
90
120
150
MAXIMUM SWITCH ON-TIME/
MINIMUM SWITCH OFF-TIME RATIO
vs. TEMPERATURE
TEMPERATURE (°C)
7.5
6.5
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com