Electronic Components Datasheet Search
  English  ▼

X  

MAX771 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX771
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX771 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX771 Datasheet HTML 3Page - Maxim Integrated Products MAX771 Datasheet HTML 4Page - Maxim Integrated Products MAX771 Datasheet HTML 5Page - Maxim Integrated Products MAX771 Datasheet HTML 6Page - Maxim Integrated Products MAX771 Datasheet HTML 7Page - Maxim Integrated Products MAX771 Datasheet HTML 8Page - Maxim Integrated Products MAX771 Datasheet HTML 9Page - Maxim Integrated Products MAX771 Datasheet HTML 10Page - Maxim Integrated Products MAX771 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
_______________________________________________________________________________________
7
VIN = 3V, IOUT = 0.5A
A: SHDN, 2V/div
B: VOUT, 2V/div
MAX770
EXITING SHUTDOWN
A
B
0
0
200
µs/div
______________________________________________________________Pin Description
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 2a, TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
MAX773
1
—
EXT
Gate drive for external N-channel power transistor
2
3
V+
3
6
FB
4
7
SHDN
5
8
REF
6
—
AGND
Analog ground
7
9
GND
High-current ground return for the output driver
8
11
CS
—
1
V12
—
2
V5
MAX770
MAX771
MAX772
Power-supply input. Also acts as a voltage-sense point when in bootstrapped mode for the
MAX770/MAX771/MAX772, or as a shunt regulator when SGND is connected to ground for the
MAX773. Bypass to SGND with 0.1
µF when using the shunt regulator.
Feedback input for adjustable-output operation. Connect to ground for fixed-output operation. Use
a resistor divider network to adjust the output voltage. See
Setting the Output Voltage section.
Active-high TTL/CMOS logic-level shutdown input. In shutdown mode, VOUT is a diode drop
below V+ (due to the DC path from V+ to the output) and the supply current drops to 5
µA
maximum. Connect to ground for normal operation.
1.5V reference output that can source 100
µA for external loads. Bypass to GND with 0.1µF.
The reference is disabled in shutdown.
Positive input to the current-sense amplifier. Connect the current-sense resistor between CS and GND.
Input sense point for 12V-output operation. Connect VOUT to V12 for 12V-output operation.
Leave unconnected for adjustable-output operation.
Input sense point for 5V-output operation. Connect VOUT to V5 for 5V-output operation. Leave
unconnected for adjustable-output operation.
—
4
LBO
—
5
LBI
Input to the internal low-battery comparator. Tie to GND or V+ if not used.
—
10
SGND
Shunt regulator ground. Leave unconnected if the shunt regulator is not used.
Low-battery output is an open-drain output that goes low when LBI is less than 1.5V. Connect to V+
through a pull-up resistor. Leave floating if not used. LBO is high impedance in shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com