Electronic Components Datasheet Search
  English  ▼

X  

MAX773 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX773
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX773 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX773 Datasheet HTML 12Page - Maxim Integrated Products MAX773 Datasheet HTML 13Page - Maxim Integrated Products MAX773 Datasheet HTML 14Page - Maxim Integrated Products MAX773 Datasheet HTML 15Page - Maxim Integrated Products MAX773 Datasheet HTML 16Page - Maxim Integrated Products MAX773 Datasheet HTML 17Page - Maxim Integrated Products MAX773 Datasheet HTML 18Page - Maxim Integrated Products MAX773 Datasheet HTML 19Page - Maxim Integrated Products MAX773 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Smaller capacitors are acceptable for light loads or in
applications that can tolerate higher output ripple.
Since the output filter capacitor’s ESR affects efficien-
cy, use low-ESR capacitors for best performance. The
smallest low-ESR surface-mount tantalum capacitors
currently available are the Sprague 595D series. Sanyo
OS-CON organic semiconductor through-hole capaci-
tors and the Nichicon PL series also exhibit low ESR.
See Table 2.
Input Bypass Capacitors
The input bypass capacitor (C1) reduces peak currents
drawn from the voltage source and also reduces noise
at the voltage source caused by the switching action of
the MAX770–MAX773. The input voltage source imped-
ance determines the size of the capacitor required at
the V+ input. As with the output filter capacitor, a low-
ESR capacitor is recommended. For output currents up
to 1A, 150µF (C1) is adequate, although smaller
bypass capacitors may also be acceptable.
Bypass the IC with a 0.1µF ceramic capacitor (C2)
placed close to the V+ and GND pins.
Reference Capacitor
Bypass REF with a 0.1µF capacitor (C3). REF can
source up to 100µA of current.
Setting the Low-Battery-Detector Voltage
To set the low-battery detector’s falling trip voltage
(VTRIP(falling)), select R3 between 10k
Ω and 500kΩ
(Figure 9), and calculate R4 as follows:
VTRIP - VREF
R4 = (R3)
(———————)
VREF
where VREF = 1.5V.
The rising trip voltage is higher because of the com-
parator’s approximately 20mV of hysteresis, and is
determined by:
R4
VTRIP (rising) = (VREF + 20mV) (1 + ——)
R3
Connect a high value resistor (larger than R3 + R4)
between LBI and LBO if additional hysteresis is required.
Connect a pull-up resistor (e.g., 100k
Ω) between LBO
and V+. Tie LBI to GND and leave LBO floating if the
low-battery detector is not used.
__________Applications Information
MAX773 Operation with High
Input/Output Voltages
The MAX773’s shunt regulator input allows high volt-
ages to be converted to very high voltages. Since the
MAX773 runs off the 6V shunt (bootstrapped operation
is not allowed), the IC will not see the high input volt-
age. Use an external logic-level N-FET as the power
switch, since only 6V of VGS are available. Also, make
sure all external components are rated for very high
output voltage. Figure 3e shows a circuit that converts
28V to 100V.
Low Input Voltage Operation
When using a power supply that decays with time
(such as a battery), the N-FET transistor will operate in
its linear region when the voltage at EXT approaches
the threshold voltage of the FET, dissipating excessive
power. Prolonged operation in this mode may damage
the FET. This effect is much more significant in non-
bootstrapped mode than in bootstrapped mode, since
bootstrapped mode typically provides much higher
VGS voltages. To avoid this condition, make sure VEXT
is above the VTH of the FET, or use a voltage detector
(such as the MAX8211) to put the IC in shutdown mode
once the input supply voltage falls below a predeter-
mined minimum value. Excessive loads with low input
voltages can also cause this condition.
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
18
______________________________________________________________________________________
MAX773
LBI
LBO
GND
V+
R4
VIN
R5
100k
R3
LOW-BATTERY
OUTPUT
VTRIP
VREF
R4 = R3
(
-1
)
VREF = 1.5V
Figure 9. Input Voltage Monitor Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com