Electronic Components Datasheet Search
  English  ▼

X  

MAX773 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX773
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX773 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX773 Datasheet HTML 12Page - Maxim Integrated Products MAX773 Datasheet HTML 13Page - Maxim Integrated Products MAX773 Datasheet HTML 14Page - Maxim Integrated Products MAX773 Datasheet HTML 15Page - Maxim Integrated Products MAX773 Datasheet HTML 16Page - Maxim Integrated Products MAX773 Datasheet HTML 17Page - Maxim Integrated Products MAX773 Datasheet HTML 18Page - Maxim Integrated Products MAX773 Datasheet HTML 19Page - Maxim Integrated Products MAX773 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
20
______________________________________________________________________________________
14
13
12
11
10
9
8
1
2
3
4
5
6
7
V15
EXTH
EXTL
CS
LBO
V+
V5
V12
MAX773
SGND
GND
REF
SHDN
FB
LBI
DIP/SO
___Ordering Information (continued)
____Pin Configurations (continued)
TOP VIEW
_________________Chip Topographies
TRANSISTOR COUNT: 501;
SUBSTRATE CONNECTED TO V+.
TRANSISTOR COUNT: 501;
SUBSTRATE CONNECTED TO V+.
EXTH
EXTL
CS
SGND
GND
GND
V5
V12
V15
V+
LBO
LBI
FB
SHDN
REF
0.126"
(3.200mm)
0.080"
(2.032mm)
MAX770/MAX771/MAX772
MAX773
V+
FB
0.126"
(3.200mm)
0.080"
(2.032mm)
EXT
CS
GND
AGND
SHDN
REF
14 CERDIP
-55°C to +125°C
MAX773MJD
14 Narrow SO
-40°C to +85°C
MAX773ESD
14 Plastic DIP
-40°C to +85°C
MAX773EPD
Dice*
0°C to +70°C
MAX773C/D
14 SO
0°C to +70°C
MAX773CSD
14 Plastic DIP
0°C to +70°C
MAX773CPD
8 CERDIP
-55°C to +125°C
MAX772MJA
8 SO
-40°C to +85°C
MAX772ESA
8 Plastic DIP
-40°C to +85°C
MAX772EPA
Dice*
0°C to +70°C
MAX772C/D
8 SO
0°C to +70°C
MAX772CSA
8 Plastic DIP
0°C to +70°C
MAX772CPA
8 CERDIP
-55°C to +125°C
MAX771MJA
8 SO
-40°C to +85°C
MAX771ESA
8 Plastic DIP
-40°C to +85°C
MAX771EPA
Dice*
0°C to +70°C
MAX771C/D
8 SO
0°C to +70°C
MAX771CSA
8 Plastic DIP
0°C to +70°C
MAX771CPA
PIN-PACKAGE
TEMP. RANGE
PART
*Contact factory for dice specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com