Electronic Components Datasheet Search
  English  ▼

X  

UB2012 Datasheet(PDF) 17 Page - Unisonic Technologies

Part # UB2012
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012 Datasheet(HTML) 17 Page - Unisonic Technologies

Back Button UB2012_15 Datasheet HTML 9Page - Unisonic Technologies UB2012_15 Datasheet HTML 10Page - Unisonic Technologies UB2012_15 Datasheet HTML 11Page - Unisonic Technologies UB2012_15 Datasheet HTML 12Page - Unisonic Technologies UB2012_15 Datasheet HTML 13Page - Unisonic Technologies UB2012_15 Datasheet HTML 14Page - Unisonic Technologies UB2012_15 Datasheet HTML 15Page - Unisonic Technologies UB2012_15 Datasheet HTML 16Page - Unisonic Technologies UB2012_15 Datasheet HTML 17Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
UB2012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
17 of 17
www.unisonic.com.tw
QW-R121-018 .D
APPLICATION INFORMATION(Cont.)
The following example illustrates these calculations:
Assume Z(PACK) = 100 mΩ , I(REG) = 500 mA, current sensing UTC UB2012B
)
REG
(
)
PACK
(
)
Z
(
I
×
Z
=
V
(16)
V(Z)=0.1×0.5
V(Z)=50mV
)
COMP
(
)
Z
(
)
COMP
(
G
V
=
V
(17)
V(COMP)=0.05/2.2
V(COMP)=22.7mV
Let RCOMP2 = 10 kΩ
)
COMP
(
)
COMP
(
)
SNS
(
2
COMP
1
COMP
V
)
V
V
(
×
R
=
R
-
(18)
mV
7
.
22
)
mV
7
.
22
-
mV
105
(
×
k
10
=
R
1
COMP
36.25kΩ
RCOMP1
Use the closest standard value (36.0 kΩ) for RCOMP1
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com