Electronic Components Datasheet Search
  English  ▼

X  

UB2012 Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UB2012
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012 Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UB2012_15 Datasheet HTML 6Page - Unisonic Technologies UB2012_15 Datasheet HTML 7Page - Unisonic Technologies UB2012_15 Datasheet HTML 8Page - Unisonic Technologies UB2012_15 Datasheet HTML 9Page - Unisonic Technologies UB2012_15 Datasheet HTML 10Page - Unisonic Technologies UB2012_15 Datasheet HTML 11Page - Unisonic Technologies UB2012_15 Datasheet HTML 12Page - Unisonic Technologies UB2012_15 Datasheet HTML 13Page - Unisonic Technologies UB2012_15 Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
UB2012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 17
www.unisonic.com.tw
QW-R121-018 .D
APPLICATION INFORMATION(Cont.)
VOLTAGE REGULATION PHASE
The voltage regulation feedback is through the BAT pin. This input is tied directly to the positive side of the
battery pack. The UTC UB2012 monitors the battery-pack voltage between the BAT and VSS pins. According to the
voltage regulation, there are four versions of UTC UB2012, namely, 4.1V, 4.2V, 8.2V and 8.4V.
Other regulation voltages can be achieved by adding a voltage divider between the positive and negative
terminals of the battery pack and using UTC UB2012C or UTC UB2012D. The voltage divider presents scaled
battery-pack voltage to BAT input. (See Fig. 7, 8) The resistor values RB1 and RB2 for the voltage divider are
calculated by the following equation:
1
-
)
V
V
×
(N
=
R
R
O(REG)
(CELL)
B2
B1
(2)
Where: N = Number of cells in series, V(CELL) = Desired regulation voltage per cell
CHARGE TERMINATION AND RECHARGE
The UTC UB2012 monitors the charging current during the voltage-regulation phase. The UTC UB2012
declares a done condition and terminates charge when the current tapers off to the charge termination threshold,
I(TERM). A new charge cycle begins when the battery voltage falls below the V(RCH) threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com