Electronic Components Datasheet Search
  English  ▼

X  

USRB02 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # USRB02
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USRB02 Datasheet(HTML) 3 Page - Unisonic Technologies

  USRB02 Datasheet HTML 1Page - Unisonic Technologies USRB02 Datasheet HTML 2Page - Unisonic Technologies USRB02 Datasheet HTML 3Page - Unisonic Technologies USRB02 Datasheet HTML 4Page - Unisonic Technologies USRB02 Datasheet HTML 5Page - Unisonic Technologies USRB02 Datasheet HTML 6Page - Unisonic Technologies USRB02 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
USRB02
Preliminary
`
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R103-087.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Voltage
-0.3~30
V
C Voltage
-0.3~700
V
CS Input Voltage
-0.3~7
V
FB Input Voltage
-0.3~7
V
Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-55~150
°C
Lead Temperature (Soldering, 10 secs)
TOPR
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJC
150
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=15V, if not otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage (VDD) Section
Start up Current
IST
VDD= VTH (ON)-1V
5
15
μA
Static Current
IOP
0.72
1.0
mA
Turn-off Threshold Voltage
VTH(OFF)
6.5
7.1
7.8
V
Turn-on Threshold Voltage
VTH (ON)
18.4
19.4
20.4
V
VDD Over Protect Voltage
VDD_OVP
26.5
28
29.5
V
Operating Voltage
26
V
Current Sense Input Section
LEB Time
TLEB
0.5
μS
Minimum Over Current Threshold
Vth_ocp_min
485
500
515
mV
Maximum Over Current Threshold
Vth_ocp_max
555
mV
Minimum CS threshold
Vcs_mini
100
mV
Maximum Ton
Ton_max
50
uS
OCP Propagation Delay
TD_OC
From OCP Comparator to Base
Drive
100
nS
FB Input Section
Reference Voltage for Feedback
Threshold
VFB
2.475
2.5
2.525
V
Minimum Toff
Tpause_min
2.0
uS
Minimum frequency
F_min
720
800
880
Hz
Maximum Cable Compensation
Current
Icable
48
μA
Output over voltage threshold
V_ovp
2.85
3.00
3.15
V
Power BJT Section
Collector-emitter breakdown voltage
VCEO
IC=10mA, IB=0
450
V
Collect Peak Current
IC
0.6
A
Collector-Base Breakdown Voltage
VCBO
IC=10mA
700
V
On Chip Over Temperature Section
Over Temperature Protection
T_otp
165
°C
Over Temperature Protection
recovery point
T_otp_rec
130
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com