Electronic Components Datasheet Search
  English  ▼

X  

USRB02 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USRB02
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USRB02 Datasheet(HTML) 1 Page - Unisonic Technologies

  USRB02 Datasheet HTML 1Page - Unisonic Technologies USRB02 Datasheet HTML 2Page - Unisonic Technologies USRB02 Datasheet HTML 3Page - Unisonic Technologies USRB02 Datasheet HTML 4Page - Unisonic Technologies USRB02 Datasheet HTML 5Page - Unisonic Technologies USRB02 Datasheet HTML 6Page - Unisonic Technologies USRB02 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USRB02
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R103-087.a
HIGH PRECISION CC/CV
PRIMARY SIDE SWITCH
DESCRIPTION
The UTC USRB02 is a primary controller for charger and
adapter applications. The controlled variable is transferred by an
auxiliary winding from the secondary to the primary side. The
device operates in Pulse Frequency Modulation (PFM) in CC
mode as well at large load condition and it operates in Pulse
Width
Modulation
(PWM)
with
frequency
reduction
at
light/medium load condition.
The UTC USRB02 operates in primary-side sensing and
regulation. Opto-coupler and TL431 could be eliminated. It also
eliminates the need of loop compensation circuitry while
maintaining stability.
The UTC USRB02 achieves high precision CV/CC regulation
and high power efficiency. It offers comprehensive protection
coverage with auto-recovery features including Cycle-by-cycle
current limiting, output over voltage protection, VDD over voltage
protection, feedback loop open protection, short circuit protection,
leading edge blanking, OTP, VDD under voltage lockout, etc.
FEATURES
SOP-8
* ±5% constant voltage regulation at universal AC input
* Primary side control without TL431 and opto-coupler
* High precision constant current regulation at universal AC
input
* Programmable CV and CC regulation
* Eliminates control loop compensation circuitry
* Flyback topology in DCM operation
* Random frequency modulation to reduce system EMI
* Built-in power NPN
* Multi-mode operation for efficiency improving
* Programmable cable drop compensation
* Built-in leading edge blanking
* Built-in primary winding inductance compensation
* Built-in line voltage compensation
* Audio noise free operation
* Open circuit protection
* Output over voltage protection
* VDD over voltage protection
* Short circuit protection
* Over temperature protection
ORDERING INFORMATION
Ordering Number
Package
Packing
USRB02G-S08-R
SOP-8
Tape Reel
USRB02G-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free
(3)Green Package


Similar Part No. - USRB02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USRB01 UTC-USRB01 Datasheet
199Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB01 UTC-USRB01 Datasheet
141Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
USRB01A UTC-USRB01A Datasheet
218Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
USRB01AG-S08-R UTC-USRB01AG-S08-R Datasheet
218Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
USRB01G-S08-R UTC-USRB01G-S08-R Datasheet
199Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results

Similar Description - USRB02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S Datasheet
248Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3654S UTC-UCSR3654S Datasheet
223Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSR100 UTC-UPSR100_15 Datasheet
211Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3651 UTC-US3651 Datasheet
205Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com