Electronic Components Datasheet Search
  English  ▼

X  

MAX801MESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX801MESA
Description  8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX801MESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX801MESA Datasheet HTML 2Page - Maxim Integrated Products MAX801MESA Datasheet HTML 3Page - Maxim Integrated Products MAX801MESA Datasheet HTML 4Page - Maxim Integrated Products MAX801MESA Datasheet HTML 5Page - Maxim Integrated Products MAX801MESA Datasheet HTML 6Page - Maxim Integrated Products MAX801MESA Datasheet HTML 7Page - Maxim Integrated Products MAX801MESA Datasheet HTML 8Page - Maxim Integrated Products MAX801MESA Datasheet HTML 9Page - Maxim Integrated Products MAX801MESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
6
_______________________________________________________________________________________
0
2
4
6
8
10
12
14
16
2.5
2.6
2.7
2.8
2.9
3.0
BATTERY CURRENT
vs. INPUT SUPPLY VOLTAGE
VCC (V)
1000
100
10
1
1
100
10
1000
VCC to OUT VOLTAGE vs.
OUTPUT CURRENT
IOUT (mA)
SLOPE = 1.0
Ω
1000
100
10
1
10
100
BATT to OUT VOLTAGE vs.
OUTPUT CURRENT
IOUT (mA)
VCC = 0V
SLOPE = 12
Ω
1000
100
10
1
1
100
10
1000
MAXIMUM TRANSIENT DURATION vs.
RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV)
RESET OCCURS
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VBATT = 2.8V, no load, TA = +25°C, unless otherwise noted.)
______________________________________________________________Pin Description
RESET
LOWLINE
VCC
Active-Low Reset Output.
RESET is triggered and stays low when VCC is below the reset
threshold (or during a watchdog timeout for the MAX801). It remains low 200ms after
VCC rises above the reset threshold (or 200ms after the watchdog timeout occurs).
RESET has a strong pull-down but a relatively weak pull-up, and can be wire-OR con-
nected to logic gates. Valid for VCC ≥ 1V. RESET swings between VCC and GND.
3
3
NAME
Low-Line Comparator Output. This CMOS-logic output goes low when VCC falls to 52mV
above the reset threshold. Use
LOWLINE to generate an NMI, initiating an orderly shut-
down routine when VCC is falling. LOWLINE swings between VCC and GND.
2
2
Input Supply Voltage, nominally +5V. Bypass with a 0.1µF capacitor to GND.
1
1
MAX801
MAX808
FUNCTION
PIN
GND
Ground
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com