Electronic Components Datasheet Search
  English  ▼

X  

MAX801MESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX801MESA
Description  8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX801MESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX801MESA Datasheet HTML 3Page - Maxim Integrated Products MAX801MESA Datasheet HTML 4Page - Maxim Integrated Products MAX801MESA Datasheet HTML 5Page - Maxim Integrated Products MAX801MESA Datasheet HTML 6Page - Maxim Integrated Products MAX801MESA Datasheet HTML 7Page - Maxim Integrated Products MAX801MESA Datasheet HTML 8Page - Maxim Integrated Products MAX801MESA Datasheet HTML 9Page - Maxim Integrated Products MAX801MESA Datasheet HTML 10Page - Maxim Integrated Products MAX801MESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
_______________________________________________________________________________________
7
_________________________________________________Pin Description (continued)
Active-High Reset Output. RESET is the inverse of
RESET. It is a CMOS output that
sources and sinks current. RESET swings between VCC and GND.
—
5
Chip-Enable Output. Output to the chip-enable gating circuit.
CE OUT is pulled up to
the higher of VCC or VBATT when the chip-enable gate is disabled.
5
—
Watchdog Input. If WDI remains high or low longer than the watchdog timeout period
(typically 1.6sec),
RESET will be asserted for 200ms. Leave unconnected to disable the
watchdog function.
—
6
Chip-Enable Input
6
—
RESET
CE OUT
WDI
CE IN
BATT
OUT
Backup-Battery Input. When VCC falls below the reset threshold and VBATT, OUT switch-
es from VCC to BATT. VBATT may exceed VCC. The battery can be removed while the
MAX801/MAX808 is powered up, provided BATT is bypassed with a 0.1µF capacitor to
GND. If no battery is used, connect BATT to ground and VCC to OUT.
7
7
Output Supply Voltage to CMOS RAM. When VCC exceeds the reset threshold or VBATT,
OUT connects to VCC. When VCC falls below the reset threshold and VBATT, OUT con-
nects to BATT. Bypass OUT with a 0.1µF capacitor to GND.
8
8
NAME
MAX801
MAX808
FUNCTION
PIN
MAX801
MAX808
CE IN
GND
VCC
BATT
THE HIGHER
OF VCC
OR VBATT
MAX801 ONLY
MAX808 ONLY
BATTERY-BACKUP
COMPARATOR
RESET
COMPARATOR
LOW-LINE
COMPARATOR
2.275V
OUT
LOWLINE
WDI
RESET (MAX801 ONLY)
RESET
CE OUT
P
P
N
WATCHDOG
TRANSITION
DETECTOR
STATE
MACHINE
OSCILLATOR
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com