Electronic Components Datasheet Search
  English  ▼

X  

MAX863 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX863
Description  Dual, High-Efficiency, PFM, Step-Up DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX863 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX863 Datasheet HTML 1Page - Maxim Integrated Products MAX863 Datasheet HTML 2Page - Maxim Integrated Products MAX863 Datasheet HTML 3Page - Maxim Integrated Products MAX863 Datasheet HTML 4Page - Maxim Integrated Products MAX863 Datasheet HTML 5Page - Maxim Integrated Products MAX863 Datasheet HTML 6Page - Maxim Integrated Products MAX863 Datasheet HTML 7Page - Maxim Integrated Products MAX863 Datasheet HTML 8Page - Maxim Integrated Products MAX863 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Dual, High-Efficiency, PFM, Step-Up
DC-DC Controller
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0.01
0.1
10
20
30
40
50
60
70
80
90
100
0
1
10
100
1000
EFFICIENCY vs. OUTPUT CURRENT
(VOUT1 = 12V, NON-BOOTSTRAPPED)
OUTPUT CURRENT (mA)
VOUT1 = 5.0V
A: VIN = 2.7V
B: VIN = 3.3V
C: VIN = 3.6V
D: VIN = 4.0V
E: VIN = 6.0V
A
B
C
D
E
3.5
1
1
10
1000
BOOTSTRAPPED-MODE MINIMUM
START-UP INPUT VOLTAGE
vs. OUTPUT CURRENT
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (mA)
100
VOUT1 = 3.3V
VOUT1 = 5V
0
0
12
VDD CURRENT
vs. VDD VOLTAGE
10
20
60
VDD VOLTAGE (V)
40
30
8
50
10
2
4
6
Cond: Single +5V
BOTH ON
CONVERTER 1 ON
CONVERTER 2 ON
LOAD-TRANSIENT RESPONSE
A
B
100
µs/div
VOUT1 = 3.3V, IOUT1 = 100mA TO 600mA
A: VOUT1, 100mV/div, 3.3V DC OFFSET
B: IOUT1, 200mA/div
RESPONSE ENTERING/
EXITING SHUTDOWN (BOOTSTRAPPED)
B
A
C
3.3V
200
µs/div
VOUT1 = 3.3V, IOUT1 = 100mA, VIN = 2.4V
A: SHDN1, 5V/div
B: INDUCTOR CURRENT, 2A/div
C: VOUT1, 3.3V OFFSET, 500mV/div
LINE-TRANSIENT RESPONSE
B
A
C
0A
500
µs/div
VOUT1 = 5V, IOUT1 = 800mA
A: VIN = 2.7V TO 3.7V, 500mV/div
B: VOUT1, AC COUPLED, 50mV/div
C: INDUCTOR CURRENT, 2A/div
0
0
12
EXT RISE AND FALL TIMES vs.
SUPPLY VOLTAGE AND MOSFET CAPACITANCE
20
140
SUPPLY VOLTAGE (V)
6
60
80
40
2
4
8
120
100
C,1
C,2
B,1
B,2
A,1
A,2
10
Cond: Single 5V
A: 470pF
B: 1.0nF
C: 2.2nF
1: RISE
2: FALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com