Electronic Components Datasheet Search
  English  ▼

X  

MAX865C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX865C/D
Description  Compact, Dual-Output Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX865C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX865C/D Datasheet HTML 1Page - Maxim Integrated Products MAX865C/D Datasheet HTML 2Page - Maxim Integrated Products MAX865C/D Datasheet HTML 3Page - Maxim Integrated Products MAX865C/D Datasheet HTML 4Page - Maxim Integrated Products MAX865C/D Datasheet HTML 5Page - Maxim Integrated Products MAX865C/D Datasheet HTML 6Page - Maxim Integrated Products MAX865C/D Datasheet HTML 7Page - Maxim Integrated Products MAX865C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
_____________________Pin Description
NAME
FUNCTION
1
C1-
Negative Terminal of the Flying Boost
Capacitor
2
C2+
Positive Terminal of the Flying
Inverting Capacitor
PIN
3
C2-
Negative Terminal of the Flying
Inverting Capacitor
4
V-
Output of the Inverting Charge Pump
8
C1+
Positive Terminal of the Flying Boost
Capacitor
7
V+
Output of the Boost Charge Pump
6
IN
Positive Power-Supply Input
5
GND
Ground
MAX865
C1+
C1-
3.3
µF
3.3
µF
3.3
µF
3.3
µF
VIN
C2+
C2-
OUT+
OUT-
RL-
RL+
IV+
V-
V+
IN
GND
IV-
Figure 1. Test Circuit
Compact, Dual-Output Charge Pump
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 5V, TA = +25°C, unless otherwise noted.)
10
µs/div
VIN = 4.75V, 1mA LOAD
OUTPUT RIPPLE
(C1 = C2 = C3 = C4 = 1
µF)
V- OUTPUT
20mV/div
V+ OUTPUT
50mV/div
10
µs/div
VIN = 4.75V, 1mA LOAD
OUTPUT RIPPLE
(C1 = C2 = C3 = C4 = 3.3
µF)
V- OUTPUT
10mV/div
V+ OUTPUT
10mV/div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com