Electronic Components Datasheet Search
  English  ▼

X  

MAX865C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX865C/D
Description  Compact, Dual-Output Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX865C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX865C/D Datasheet HTML 1Page - Maxim Integrated Products MAX865C/D Datasheet HTML 2Page - Maxim Integrated Products MAX865C/D Datasheet HTML 3Page - Maxim Integrated Products MAX865C/D Datasheet HTML 4Page - Maxim Integrated Products MAX865C/D Datasheet HTML 5Page - Maxim Integrated Products MAX865C/D Datasheet HTML 6Page - Maxim Integrated Products MAX865C/D Datasheet HTML 7Page - Maxim Integrated Products MAX865C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
converter (RS+), where ILOAD+ is the combination of IV-
and the external load on V+ (IV+):
Determine V+ and V- as follows:
The output resistance for the positive and negative
charge pumps are tested and specified separately. The
positive charge pump is tested with V- unloaded. The
negative charge pump is tested with V+ supplied from
an external source, isolating the negative charge
pump.
Current draw from either V+ or V- is supplied by the
reservoir capacitor alone during one half cycle of the
clock. Calculate the resulting ripple voltage on either
output as follows:
where ILOAD is the load on either V+ or V-. For the typi-
cal fPUMP of 30kHz with 3.3µF reservoir capacitors, the
ripple is 25mV when ILOAD is 5mA. Remember that, in
most applications, the total load on V+ is the V+ load
current (IV+) and the current taken by the negative
charge pump (IV-).
Efficiency Considerations
Theoretically, a charge-pump voltage multiplier can
approach 100% power efficiency under the following
conditions:
• The charge-pump switches have virtually no offset
and extremely low on-resistance.
• The drive circuitry consumes minimal power.
• The impedances of the reservoir and pump capaci-
tors are negligible.
For the MAX865, the energy loss per clock cycle is the
sum of the energy loss in the positive and negative
converters, as follows:
The average power loss is simply:
Resulting in an efficiency of:
MAX865
C1+
1
2
3
4
C1-
GND
3.3
µF
3.3
µF
3.3
µF
3.3
µF
3.3
µF
3.3
µF
OUT+
IN
OUT-
8
7
6
5
C2-
C2-
V-
V+
IN
GND
MAX865
C1+
1
2
3
4
C1-
8
7
6
5
C2+
C2-
VIN
V-
V+
IN
GND
Figure 3. Paralleling MAX865s
Compact, Dual-Output Charge Pump
6
_______________________________________________________________________________________
V
= I
x RS+ = I
+ I
x RS+
DROOP+
LOAD+
V+
V -
(
)
P
= LOSS
x f
LOSS
CYCLE
PUMP
η =
−
(
)
Total Output Power Total Output Power
PLOSS
/
V
=
I
(1 / f
) (1 / C
)
RIPPLE
1
2
LOAD
PUMP
RESERVOIR
V+ = 2V
- V
V - = (V+ - V
) = -(2V
- V
- V
)
IN
DROOP+
DROOP
IN
DROOP+
DROOP -
LOSS
= LOSS
+ LOSS
=
C1
CYCLE
POS
NEG
1
2
1
2
V
V
V
C
V
V
IN
+
( ) −
+
( ) ( )


+
+
( ) − −
( )


2
2
2
2
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com