Electronic Components Datasheet Search
  English  ▼

X  

MAX867ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX867ESA
Description  3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX867ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX867ESA Datasheet HTML 4Page - Maxim Integrated Products MAX867ESA Datasheet HTML 5Page - Maxim Integrated Products MAX867ESA Datasheet HTML 6Page - Maxim Integrated Products MAX867ESA Datasheet HTML 7Page - Maxim Integrated Products MAX867ESA Datasheet HTML 8Page - Maxim Integrated Products MAX867ESA Datasheet HTML 9Page - Maxim Integrated Products MAX867ESA Datasheet HTML 10Page - Maxim Integrated Products MAX867ESA Datasheet HTML 11Page - Maxim Integrated Products MAX867ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3.3V/5V or Adjustable-Output,
Single-Cell DC-DC Converters
_______________________________________________________________________________________
9
Since the input bias current at FB has a maximum value
of 100nA, large values (10k
Ω to 300kΩ) can be used
for R1 and R2 with no significant accuracy loss. For 1%
error, the current through R1 should be at least 100
times FB’s bias current.
Low-Battery Detection, VTH > 1.25V
The MAX866 series contains an on-chip comparator for
low-battery detection. If the voltage at LBI falls below
the regulator’s internal reference voltage (1.25V), LBO
(an open-drain output) sinks current to GND. The low-
battery monitor’s threshold is set by two resistors, R3
and R4 (Figure 3). Set the threshold voltage using the
following equation:
VTH
R3 = R4
(____ - 1)
VREF
where VTH is the desired threshold of the low-battery
detector and VREF is the internal 1.25V reference.
Since the LBI current is less than 100nA, large resistor
values (typically 10k
Ω to 300kΩ) can be used for R3
and R4 to minimize loading of the input supply.
When the voltage at LBI is below the internal threshold,
LBO sinks current to GND. Connect a pull-up resistor of
100k
Ω or more from LBO to OUT when driving CMOS
circuits. When LBI is above the threshold, the LBO out-
put is off. If the low-battery comparator is not used,
connect LBI to VIN and leave LBO open.
Low-Battery Detection, VTH < 1.25V
When the low-battery detection threshold voltage is
below 1.25V, use the circuit shown on the right in
Figure 3. This circuit uses VOUT (3.3V or 5.0V in the
MAX866, adjustable in MAX867) as a reference. The
voltage divider formed by R5 and R6 allows the effec-
tive trip point of VIN to be set below 1.25V. R6 is usually
set to approximately 100k
Ω, and R5 is given by the
formula:
R5 = [R6 x (VREF - VTH)] / (VOUT - VREF)
Note that LBI drops below the 1.25V LBI threshold trip
point when either VIN or VOUT is low.
Since VOUT regulation and the LBI threshold are derived
from the same internal voltage reference, they track
together over temperature.
Low-Battery Start-Up
The MAX866/MAX867 are bootstrapped circuits; they
can start under no-load conditions at much lower bat-
tery voltages than under full load. Once started, the out-
put can maintain a moderate load as the battery volt-
age decreases below the start-up voltage (see
Typical
Operating Characteristics). The circuit shown in Figure
4 allows the circuit to start with no load, then uses the
LBI circuit and an external low-threshold P-channel
MOSFET switch to apply the load after the output has
started.
Resistors R7 and R8 are selected to trip the LBI detec-
tor at about 90% of the output voltage. On start-up, LBI
and LBO are low, Q2 is off, and transistor Q1’s gate is
held high by R11. This disconnects the load, allowing
the MAX866 to bootstrap itself at the lowest possible
voltage. When the output reaches its final output volt-
age, LBI and LBO go high, turning on Q2, Q1, and the
load.
Figure 3. Low-Battery Detector Circuits
Figure 4. Low-Voltage Start-Up Circuit
MAX866
LBI
OUT
5
6
R6
R5
VIN
MAX866
LBI
5
R4
R3
VIN
FOR VTH > 1.25V
R3 = R4
-1
WHERE VTH = THE VIN TRIP THRESHOLD
WHERE VTH = THE VIN TRIP THRESHOLD
FOR VTH < 1.25V
VTH
VREF
()
R5 = R6
VREF - VTH
VOUT - VREF
()
MAX866
OUT
LBO
LBI
6
4
5
R11
1M
R9
1M
R10
1M
R8
1M
R7
VOUT (3.3V/5V)
Q1
MMDFZP02E
Q2
2N3904
(1.25V)
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com