Electronic Components Datasheet Search
  English  ▼

X  

MAX867ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX867ESA
Description  3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX867ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX867ESA Datasheet HTML 2Page - Maxim Integrated Products MAX867ESA Datasheet HTML 3Page - Maxim Integrated Products MAX867ESA Datasheet HTML 4Page - Maxim Integrated Products MAX867ESA Datasheet HTML 5Page - Maxim Integrated Products MAX867ESA Datasheet HTML 6Page - Maxim Integrated Products MAX867ESA Datasheet HTML 7Page - Maxim Integrated Products MAX867ESA Datasheet HTML 8Page - Maxim Integrated Products MAX867ESA Datasheet HTML 9Page - Maxim Integrated Products MAX867ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3.3V/5V or Adjustable-Output,
Single-Cell DC-DC Converters
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
N-Channel Power-MOSFET Drain
8
8
Low-Battery Output. An open-drain N-channel MOSFET sinks current when the voltage at
LBI drops below 1.25V.
4
4
Low-Battery Input. When the voltage on LBI drops below 1.25V, LBO sinks current.
If not used, connect to VIN.
5
5
Connect OUT to the regulator output. OUT provides bootstrap power to the IC.
6
6
Power Ground. Must be low impedance; solder directly to ground plane.
7
7
1.25V Reference Voltage Output. Bypass with 0.22µF to GND (0.1µF if there is no external
reference load). Maximum load capability is 250µA source, 20µA sink.
3
3
Feedback Input for adjustable-output operation. Connect to an external resistor voltage
divider between OUT and GND.
2
—
Selects the output voltage; connect to GND for 5V output, and to OUT for 3.3V output.
—
2
Shutdown Input. When low, the entire circuit is off and VOUT = VIN - VD, where VD is the
forward voltage drop of the external Schottky rectifier.
1
1
FUNCTION
PIN
LX
LBO
LBI
OUT
GND
REF
FB
3/
–
5
–
–
S
—
H
—
D
—
N
–
NAME
MAX866
MAX867
____________________________Typical Operating Characteristics (continued)
(Circuits of Figure 2, TA = +25°C, unless otherwise noted.)
24
-60
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
30
28
26
22
TEMPERATURE (°C)
060
-20
-40
20
80
40
100
20
IOUT
VOUT = 3.47V
1.250
-60
REFERENCE VOLTAGE
vs. TEMPERATURE
1.255
TEMPERATURE (°C)
060
-20
-40
20
80
40
100
1.245
IREF = 0A
-60
OUTPUT CURRENT CAPABILITY
vs. TEMPERATURE
30
25
20
15
TEMPERATURE (°C)
060
-20
-40
20
80
40
100
10
VIN = 0.9V
3.3V MODE
VIN = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com