Electronic Components Datasheet Search
  English  ▼

X  

MAX870C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX870C/D
Description  Switched-Capacitor Voltage Inverters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX870C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX870C/D Datasheet HTML 1Page - Maxim Integrated Products MAX870C/D Datasheet HTML 2Page - Maxim Integrated Products MAX870C/D Datasheet HTML 3Page - Maxim Integrated Products MAX870C/D Datasheet HTML 4Page - Maxim Integrated Products MAX870C/D Datasheet HTML 5Page - Maxim Integrated Products MAX870C/D Datasheet HTML 6Page - Maxim Integrated Products MAX870C/D Datasheet HTML 7Page - Maxim Integrated Products MAX870C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Switched-Capacitor Voltage Inverters
___________________Chip Information
TRANSISTOR COUNT: 58
SUBSTRATE CONNECTED TO IN
________________________________________________________Package Information
Shutdown Control
If shutdown control is necessary, use the circuit in
Figure 8. The output resistance of the MAX870/MAX871
will typically be 20
Ω plus two times the output resis-
tance of the buffer driving IN. The 0.1µF capacitor at
the IN pin absorbs the transient input currents of the
MAX870/MAX871.
The output resistance of the buffer driving the IN pin
can be reduced by connecting multiple buffers in par-
allel. The polarity of the shutdown signal can also be
changed by using a noninverting buffer to drive IN.
MAX870
MAX871
2
C1-
IN
OUT
C1+
GND
1
C2
CIN
0.1
µF
C1
3
5
4
OUTPUT
INPUT
OFF
ON
SHUTDOWN
LOGIC
SIGNAL
Figure 8. Shutdown Control



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com