Electronic Components Datasheet Search
  English  ▼

X  

MAX870C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX870C/D
Description  Switched-Capacitor Voltage Inverters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX870C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX870C/D Datasheet HTML 1Page - Maxim Integrated Products MAX870C/D Datasheet HTML 2Page - Maxim Integrated Products MAX870C/D Datasheet HTML 3Page - Maxim Integrated Products MAX870C/D Datasheet HTML 4Page - Maxim Integrated Products MAX870C/D Datasheet HTML 5Page - Maxim Integrated Products MAX870C/D Datasheet HTML 6Page - Maxim Integrated Products MAX870C/D Datasheet HTML 7Page - Maxim Integrated Products MAX870C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
_______________Detailed Description
The MAX870/MAX871 capacitive charge pumps invert
the voltage applied to their input. For highest perfor-
mance, use low equivalent series resistance (ESR)
capacitors (e.g., ceramic).
During the first half-cycle, switches S2 and S4 open,
switches S1 and S3 close, and capacitor C1 charges to
the voltage at IN (Figure 2). During the second half-
cycle, S1 and S3 open, S2 and S4 close, and C1 is level
shifted downward by VIN volts. This connects C1 in par-
allel with the reservoir capacitor C2. If the voltage across
C2 is smaller than the voltage across C1, then charge
flows from C1 to C2 until the voltage across C2 reaches
-VIN. The actual voltage at the output is more positive
than -VIN, since switches S1–S4 have resistance and the
load drains charge from C2.
Charge-Pump Output
The MAX870/MAX871 are not voltage regulators: the
charge pump’s output source resistance is approxi-
mately 20
Ω at room temperature (with VIN = +5V), and
VOUT approaches -5V when lightly loaded. VOUT will
droop toward GND as load current increases. The
droop of the negative supply (VDROOP-) equals the cur-
rent draw from OUT (IOUT) times the negative convert-
er’s source resistance (RS-):
VDROOP- = IOUT x RS-
The negative output voltage will be:
VOUT = -(VIN – VDROOP-)
Efficiency Considerations
The power efficiency of a switched-capacitor voltage
converter is affected by three factors: the internal loss-
es in the converter IC, the resistive losses of the pump
capacitors, and the conversion losses during charge
transfer between the capacitors. The total power loss is:
The internal losses are associated with the IC’s internal
functions, such as driving the switches, oscillator, etc.
These losses are affected by operating conditions such
as input voltage, temperature, and frequency.
The next two losses are associated with the voltage
converter circuit’s output resistance. Switch losses
occur because of the on-resistance of the MOSFET
switches in the IC. Charge-pump capacitor losses
occur because of their ESR. The relationship between
these losses and the output resistance is as follows:
where fOSC is the oscillator frequency. The first term is
the effective resistance from an ideal switched-
capacitor circuit. See Figures 3a and 3b.
ΣP
= P
+ P
+ P
+ P
LOSS
INTERNAL LOSSES
SWITCH LOSSES
PUMP CAPACITOR LOSSES
CONVERSION LOSSES
Switched-Capacitor Voltage Inverters
_______________________________________________________________________________________
5
S1
IN
S2
S3
S4
C1
C2
VOUT = -(VIN)
Figure 2. Ideal Voltage Inverter
V+
C1
f
C2
RL
VOUT
Figure 3a. Switched-Capacitor Model
REQUIV =
REQUIV
VOUT
RL
1
V+
f
× C1
C2
Figure 3b. Equivalent Circuit
P
+P
= I
x R
PUMP CAPACITOR LOSSES
CONVERSION LOSSES
OUT
2
OUT
R
f
x C
R
ESR
ESR
OUT
OSC
SWITCHES
C
C
≅ ( )
+
+
+
1
1
2
4
1
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com