Electronic Components Datasheet Search
  English  ▼

X  

MAX877EPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX877EPA
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX877EPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX877EPA Datasheet HTML 1Page - Maxim Integrated Products MAX877EPA Datasheet HTML 2Page - Maxim Integrated Products MAX877EPA Datasheet HTML 3Page - Maxim Integrated Products MAX877EPA Datasheet HTML 4Page - Maxim Integrated Products MAX877EPA Datasheet HTML 5Page - Maxim Integrated Products MAX877EPA Datasheet HTML 6Page - Maxim Integrated Products MAX877EPA Datasheet HTML 7Page - Maxim Integrated Products MAX877EPA Datasheet HTML 8Page - Maxim Integrated Products MAX877EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 2.7V, ILOAD = 0mA, LX = 22µH, COUT = 100µF,
–
S
—
H
—
D
—
N
–
and ILIM connected to IN, AGND connected to PGND,
TA = TMIN to TMAX, typical values are at TA = +25°C, unless otherwise noted.)
Note 2: Output in regulation, VOUT = VOUT (nominal) ±4%.
Note 3: At high VIN to VOUT differentials, the maximum load current is limited by the maximum allowable power dissipation in the
package (see
Absolute Maximum Ratings and Maximum Output Current graphs in the Typical Operating Characteristics).
Note 4: Minimum value is production tested. Maximum value is guaranteed by design and is not production tested.
Note 5: VOUT is set to a target value of 5V by 0.1% external feedback resistors. VOUT is measured to be within 5V ±2.5%
to guarantee error-comparator trip point.
Note 6: Startup guaranteed under these load conditions.
PARAMETER
Maximum Switch On Time
CONDITIONS
MIN
TYP
MAX
VIN = 1V
12.6
UNITS
ISW = 400mA
µs
0.275
MAX877/MAX879
Current-Limit Temperature
Coefficient
1.3
-0.3
%/°C
Current Limit
1.0
µs
Minimum Switch Off Time
ISW = 600mA
0.33
Switch Saturation Voltage
ISW = 1000mA
0.50
V
MAX878
2.3
µs
ISW = 400mA
VIN = 2.5V
4.0
0.21
VIN = 1.8V
5.9
ISW = 600mA
0.31
Rectifier Forward Voltage Drop
–
S
—
H
—
D
—
N
–
Threshold
ISW = 1000mA
0.50
V
VIN = 1V to 6.2V
VIN/2 +0.25
Error-Comparator Trip Point
(VREF)
MAX879, VIN = 1.8V to 5V (Note 5)
197.5
202.5
207.5
mV
FB Pin Bias Current
VIN = 2.7V
1.3
1.7
MAX879
10
40
nA
Switch Off Leakage Current
–
S
—
H
—
D
—
N
–
Enable Delay
0.1
150
Rectifier Off Leakage Current
0.1
µA
V
A
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com