Electronic Components Datasheet Search
  English  ▼

X  

MAX877EPA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX877EPA
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX877EPA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX877EPA Datasheet HTML 1Page - Maxim Integrated Products MAX877EPA Datasheet HTML 2Page - Maxim Integrated Products MAX877EPA Datasheet HTML 3Page - Maxim Integrated Products MAX877EPA Datasheet HTML 4Page - Maxim Integrated Products MAX877EPA Datasheet HTML 5Page - Maxim Integrated Products MAX877EPA Datasheet HTML 6Page - Maxim Integrated Products MAX877EPA Datasheet HTML 7Page - Maxim Integrated Products MAX877EPA Datasheet HTML 8Page - Maxim Integrated Products MAX877EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
_______________________________________________________________________________________
5
A: SWITCH VOLTAGE (LX PIN), 2V/div
B: INDUCTOR CURRENT, 0.5A/div
C: OUTPUT VOLTAGE RIPPLE, 50mV/div
MAX877, VIN = 1.5V, IOUT = 100mA
SWITCHING WAVEFORMS—
CONTINUOUS CONDUCTION
A
B
C
0mA
5
µs/div
A: SWITCH VOLTAGE (LX PIN), 2V/div
B: INDUCTOR CURRENT, 0.5A/div
C: OUTPUT VOLTAGE RIPPLE, 50mV/div
MAX877, VIN = 3V, IOUT = 70mA
SWITCHING WAVEFORMS—
DISCONTINUOUS CONDUCTION
A
B
C
2
µs/div
0mA
A: SWITCH VOLTAGE (LX PIN), 2V/div
B: INDUCTOR CURRENT, 0.5A/div
C: OUTPUT VOLTAGE RIPPLE, 50mV/div
MAX878, VIN = 6.0V, VOUT = 5.0V, IOUT = 210mA
STEP-DOWN CONVERSION
A
B
C
5
µs/div
0mA
A: SHDN, 2V/div
B: VOUT, 1V/div
VOUT = 3V
MAX878
START-UP TIME
GND
GND
10ms/div
A
B
A: INPUT VOLTAGE, 2V/div, 2V to 6V
B: OUTPUT VOLTAGE, 50mV/div
MAX878, IOUT = 100mA, VOUT = 3.3V
STEP-UP/STEP-DOWN
OPERATION
A
B
20ms/div
GND
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 4, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com