Electronic Components Datasheet Search
  English  ▼

X  

MAX874C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX874C/D
Description  10關A, Low-Dropout, Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX874C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX874C/D Datasheet HTML 1Page - Maxim Integrated Products MAX874C/D Datasheet HTML 2Page - Maxim Integrated Products MAX874C/D Datasheet HTML 3Page - Maxim Integrated Products MAX874C/D Datasheet HTML 4Page - Maxim Integrated Products MAX874C/D Datasheet HTML 5Page - Maxim Integrated Products MAX874C/D Datasheet HTML 6Page - Maxim Integrated Products MAX874C/D Datasheet HTML 7Page - Maxim Integrated Products MAX874C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10µA, Low-Dropout,
Precision Voltage References
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX872E
(VIN = 2.7V, IL = 0mA, TA = -40°C to +85°C, unless otherwise noted.)
VIN ≥ VOUT + 0.2V
mV
+75/-20
VIN = 4.5V to 20V
VADJ
VOUT Adjustment Range
VIN = 2.7V to 20V
VIN = 2.7V to 5.5V
Sourcing 0mA to 0.30mA
Sinking 0mA to -0.30mA
CONDITIONS
20
ppm/°C
20
40
TCVOUT
V
2.488
2.512
VOUT
Output Voltage
Output Voltage Temperature
Coefficient
mV/°C
2.3
TCVTEMP
TEMP Output Temperature
Coefficient
µA/V
0.7
IQ/VIN
Change in Supply Current vs. VIN
µV/V
300
VOUT/VIN
Line Regulation
0.6
mV/mA
15
VOUT/IOUT
Load Regulation
µA
15
IQ
Quiescent Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS—MAX874E
(VIN = 4.3V, IL = 0mA, TA = -40°C to +85°C, unless otherwise noted.)
VIN ≥ VOUT + 0.2V
mV
±150
VIN = 4.3V to 20V
VADJ
VOUT Adjustment Range
VIN = 4.3V to 20V
Sourcing 0mA to 0.30mA
Sinking 0mA to -0.30mA
CONDITIONS
75
ppm/°C
20
40
TCVOUT
V
4.077
4.115
VOUT
Output Voltage
Output Voltage Temperature
Coefficient
mV/°C
2.3
TCVTEMP
TEMP Output Temperature
Coefficient
µA/V
0.7
IQ/VIN
Change in Supply Current vs. VIN
µV/V
VOUT/VIN
Line Regulation
1.0
mV/mA
25
VOUT/IOUT
Load Regulation
µA
15
IQ
Quiescent Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com