Electronic Components Datasheet Search
  English  ▼

X  

MAX874C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX874C/D
Description  10關A, Low-Dropout, Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX874C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX874C/D Datasheet HTML 1Page - Maxim Integrated Products MAX874C/D Datasheet HTML 2Page - Maxim Integrated Products MAX874C/D Datasheet HTML 3Page - Maxim Integrated Products MAX874C/D Datasheet HTML 4Page - Maxim Integrated Products MAX874C/D Datasheet HTML 5Page - Maxim Integrated Products MAX874C/D Datasheet HTML 6Page - Maxim Integrated Products MAX874C/D Datasheet HTML 7Page - Maxim Integrated Products MAX874C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Applications Information
Trimming the Output Voltage
The MAX872/MAX874’s output voltage is trimmed for
0.2% tolerance at +25°C. If additional VOUT trimming is
desired, connect a potentiometer to TRIM, as shown in
Figures 1a and 1b. Adjusting VOUT away from its facto-
ry-trimmed voltage typically changes the output voltage
tempco by 7ppm/°C per 100mV.
Reducing Input Ripple with an Input Filter
The Power-Supply Rejection Ratio vs. Frequency graph
in the
Typical Operating Characteristics shows ripple
rejection between 10Hz and 2kHz. As input RC filter
with a pole less than 10Hz, as shown in Figure 2, fur-
ther attenuates input ripple with this band. The voltage
drop across the input resistor (due to supply and load
current) slightly increases the dropout voltage. The
increase is given by [(ILOAD + ISUPPLY)
• R].
Choosing the Output and
Compensation Capacitors
Connecting a capacitor between Void and GND
reduces load transients. If the load exceeds 300µA,
connect a minimum of 1000pF from VOUT to GND. The
type of capacitor is not critical. If the total load capaci-
tance from VOUT to GND (CLOAD = output capacitor +
other capacitive load) is larger than 1000pF, connect a
compensation capacitor with a value of CLOAD/100
between COMP and VOUT.
10µA, Low-Dropout,
Precision Voltage References
_______________________________________________________________________________________
7
Pin Description
Internal Connection. Make no connection
to this pin
I.C.
1, 7
PIN
FUNCTION
NAME
Input Voltage
VIN
2
Ground
GND
4
Temperature-Proportional Output
Voltage. Generates an output voltage
proportional to junction temperature.
TEMP
3
Output Voltage Trim. Connect to the
center of a voltage divider for output
trimming. Otherwise make no
connection.
TRIM
5
Compensation Input. Connect
CLOAD/100 capacitor from VOUT to
COMP to provide capacitive load
compensation.
COMP
8
Reference Output
VOUT
6
GND
1M
1.5M
TRIM RANGE: -35mV/+80mV
VOUT
VIN
TRIM
MAX872
3V
Figure 1a. Adjusting VOUT with the TRIM Input on the MAX872
GND
2M
1M
4M
TRIM RANGE: -200mV/+300mV
VOUT
VIN
TRIM
MAX874
5V
Figure 1b. Adjusting VOUT with the TRIM Input on the MAX874



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com