Electronic Components Datasheet Search
  English  ▼

X  

CHA2066 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2066
Description  10-16GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2066 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2066_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10-16GHz Low Noise Amplifier
CHA2066
Ref. : DSCHA20660069 - 10 Mar 10
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results
Chip Typical Response (On wafer Sij)
Tamb = +25°C
Vd = 4.0V; Vg1 = Vg2 = +1.4Volt ; Id = 45mA (A,B,C,D & E not connected)
Freq
GHz
MS11
dB
PS11
°
MS12
dB
PS12
°
MS21
dB
PS21
°
MS22
dB
PS22
°
1.00
-0.25
-16.1
-82.22
90.1
-46.86
-148.0
-0.07
-7.1
2.00
-0.54
-31.8
-83.38
37.9
-46.99
-169.6
-0.15
-14.8
3.00
-0.88
-48.8
-84.02
17.8
-30.57
-13.6
-0.67
-24.3
4.00
-1.38
-68.9
-72.90
21.7
-12.70
-58.0
-1.41
-26.7
5.00
-2.32
-95.1
-62.06
8.4
-1.44
-96.2
-1.47
-33.3
6.00
-4.51
-131.2
-52.22
-25.9
7.98
-145.4
-2.17
-41.3
7.00
-8.90
-177.3
-45.23
-71.4
13.83
154.7
-3.17
-46.2
8.00
-12.32
122.2
-41.37
-112.2
16.32
100.4
-4.01
-50.1
9.00
-10.70
61.8
-39.16
-144.4
17.19
56.4
-4.90
-53.3
10.00
-8.32
24.9
-37.57
-170.5
17.48
20.2
-5.99
-56.8
11.00
-7.00
-1.8
-36.41
168.3
17.54
-10.5
-7.27
-59.4
12.00
-6.48
-23.4
-35.43
149.3
17.55
-38.0
-8.87
-60.5
13.00
-6.63
-42.1
-34.71
131.5
17.53
-63.6
-10.85
-57.5
14.00
-7.33
-58.2
-34.27
114.2
17.44
-88.2
-12.73
-46.1
15.00
-8.51
-71.5
-34.16
98.4
17.23
-112.3
-13.16
-27.4
16.00
-9.93
-79.7
-34.42
83.4
16.85
-135.9
-11.71
-13.0
17.00
-11.00
-82.6
-35.18
70.8
16.29
-158.6
-9.84
-8.5
18.00
-11.11
-83.8
-36.29
61.5
15.59
179.4
-8.29
-9.4
19.00
-10.35
-88.5
-37.52
58.2
14.75
158.2
-7.17
-13.1
20.00
-9.53
-100.1
-38.26
59.5
13.82
137.2
-6.34
-18.1
21.00
-8.97
-117.1
-37.98
64.4
12.71
115.9
-5.86
-23.7
22.00
-9.04
-137.0
-36.56
64.7
11.36
95.5
-5.47
-29.3
23.00
-9.70
-161.0
-35.28
56.8
9.72
75.4
-5.35
-34.7
24.00
-10.97
174.2
-34.49
47.1
7.77
56.6
-5.37
-39.3
25.00
-12.61
144.5
-34.15
36.2
5.59
39.2
-5.41
-43.4
26.00
-14.42
110.6
-34.37
24.8
3.10
23.8
-5.70
-46.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com