Electronic Components Datasheet Search
  English  ▼

X  

CHA2066 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA2066
Description  10-16GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2066 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHA2066_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2066_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
10-16GHz Low Noise Amplifier
CHA2066
Ref. : DSCHA20660069 - 10 Mar 10
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Chip Assembly
B
E
Vd
IN
C = 100pF
OUT
Chip Biasing options
This chip is self-biased, and flexibility is provided by the access to number of pads. the
internal DC electrical schematic is given in order to use these pads in a safe way.
G2
D
E
15
15
2k
1k
G1
Vd
A
B
C
23
8
10
2k
1k
35
20
11
6
The two requirements are:
N°1 : Not exceed Vds = 3.5Volt
( internal Drain to Source voltage ).
N°2 : Not biased in such a way that Vgs becomes pos itive.
( internal Gate to Source voltage )
We propose two standard biasing:
Low Noise and low consumption:
Vd = 4V and B & D grounded.
All the other pads non connected (NC).
Idd = 45mA & Pout-1dB = +10dBm Typical.
(Equivalent to A,B,C,D,E : NC and Vd=4V ; G1=+1.4V ; G2=+1.4V).
Low Noise and high output power:
Vd = 4V and B & E grounded.
All the other pads non connected (NC).
Idd = 65mA & Pout-1dB = +13dBm Typical.
(Equivalent to A,B,C,D,E : NC and Vd=5V ; G1=+1.4V ; G2=+4.0V).
A file is available on request to help the biasing option tuning.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com