Electronic Components Datasheet Search
  English  ▼

X  

MAX9003ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9003ESA
Description  Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9003ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9003ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Power, High-Speed, Single-Supply
Op Amp + Comparator + Reference ICs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.5V to +5.5V, VSS = 0, SHDN = VDD (MAX9001/MAX9004 only), VCM(OP AMP) = 0, VAOUT = VDD / 2, VCM(COMP) = 0 (for
MAX9001/MAX9002/MAX9004/MAX9005), COUT = low, IOUT(REF) = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDD = 5V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS) ....................................-0.3V to +6V
Voltage Inputs (AIN_, CIN_).............(VSS - 0.3V) to (VDD + 0.3V)
Output Short-Circuit Duration (AOUT, COUT, REF) ...Continuous
to either VSS or VDD
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ............444mW
14-Pin SO (derate 8.3mW/°C above +70°C).................667mW
Operating Temperature Range
MAX900_E _ _...................................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
V SHDN ≤ (0.3V x VDD), VAOUT = 0 to VDD
Shorted to VDD
Shorted to VSS
MAX9000/MAX9001/
MAX9003/MAX9004
AV = 1V/V
VDD = 2.5V to 5.5V
MAX900_ES_, (VSS - 0.15V) ≤ VCM ≤ (VDD - 1.2V),
VDD = 5.5V
Guaranteed by PSRR tests
Guaranteed by CMRR test
Differential or common mode
MAX900_ES_
AIN+, AIN-
AIN+, AIN-
MAX9002/MAX9005
MAX9001/MAX9004 (V SHDN = 0)
MAX900_ES_
CONDITIONS
µA
±0.01
±1
IOUT
(DISABLED)
Disabled Mode Output
Leakage
mA
65
Output Short-Circuit
Current
10
Ω
0.01
Output Resistance
dB
74
100
PSRR
Power-Supply Rejection
Ratio
dB
CMRR
Common-Mode
Rejection Ratio
72
96
V
-0.15
VDD - 1.2
CMVR
Input Common-Mode
Voltage Range
M
Ω
1000
RIN
Input Resistance
nA
±0.02
±1
Input Offset Current
nA
±0.05
±2
IBIAS
Input Bias Current
µV/°C
TCVOS
Input Offset Voltage
Temperature Coefficient
±1
µA
450
550
410
500
V
2.5
5.5
VDD
Supply Voltage Range
VOS
Input Offset Voltage
mV
±0.5
±1.5
V
0.3 x VDD
VIL(SHDN)
Shutdown Logic Low
340
425
µA
375
475
IDD
Supply Current
µA
2
5
ISHDN
Supply Current in
Shutdown
V
0.7 x VDD
VIH(SHDN)
Shutdown Logic High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VDD = 3V
VDD = 5V
VDD = 3V
VDD = 5V
MAX9001/MAX9004 (V SHDN = 0 to VDD)
µA
1
2.5
IIN(SHDN)
Shutdown Input Bias
Current
OP AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com