Electronic Components Datasheet Search
  English  ▼

X  

MAX9003ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9003ESA
Description  Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9003ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9003ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9003ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Low-Power, High-Speed, Single-Supply
Op Amp + Comparator + Reference ICs
_______________________________________________________________________________________
5
200
300
250
400
350
450
500
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX9000/MAX9001/MAX9003/MAX9004
MAX9002/MAX9005
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
0.5
1.5
1.0
2.0
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SHUTDOWN LOGIC THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
300
400
350
450
500
-40
0
-20
20
40
60
80
100
MAX9000/MAX9001/MAX9003/MAX9004
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 5.5V
VDD = 2.5V
300
400
350
450
500
-40
0
-20
20
40
60
80
100
MAX9002/MAX9005
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 5.5V
VDD = 2.5V
0
1.5
1.0
0.5
2.5
2.0
4.5
4.0
3.5
3.0
5.0
-40
-20
0
20
40
60
80
100
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 5.5V
VDD = 2.5V
1.90
1.92
1.96
1.94
1.98
2.00
-40
0
-20
20
40
60
80
100
SHUTDOWN LOGIC THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
0
100
50
250
200
150
400
350
300
450
0
2
1
3
4
5
6
OP-AMP OUTPUT VOLTAGE SWING HIGH (VOH)
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
TA = +85°C
TA = +25°C
TA = -40°C
0
300
200
100
400
500
600
0
8
6
2
4
10 12 14 16 18 20
OP-AMP OUTPUT VOLTAGE SWING LOW (VOL)
vs. SINK CURRENT
SINK CURRENT (mA)
TA = +85°C
TA = +25°C
TA = -40°C
__________________________________________Typical Operating Characteristics
(VDD = +5V, VSS = 0, VCM (op amp) = 0, SHDN = VDD, COUT = low, RL = ∞, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com