Electronic Components Datasheet Search
  English  ▼

X  

MAX913C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX913C/D
Description  Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX913C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX913C/D Datasheet HTML 1Page - Maxim Integrated Products MAX913C/D Datasheet HTML 2Page - Maxim Integrated Products MAX913C/D Datasheet HTML 3Page - Maxim Integrated Products MAX913C/D Datasheet HTML 4Page - Maxim Integrated Products MAX913C/D Datasheet HTML 5Page - Maxim Integrated Products MAX913C/D Datasheet HTML 6Page - Maxim Integrated Products MAX913C/D Datasheet HTML 7Page - Maxim Integrated Products MAX913C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX913 single and MAX912 dual high-speed,
low-power comparators have differential inputs and
complementary TTL outputs. Fast propagation delay
(10ns typ), extremely low supply current, and a wide
common-mode input range that includes the negative
rail make the MAX912/MAX913 ideal for low-power,
high-speed, single +5V (or ±5V) applications such as
V/F converters or switching regulators.
The MAX912/MAX913 outputs remain stable through
the linear region. This feature eliminates output instability
common to high-speed comparators when driven with a
slow-moving input signal.
The MAX912/MAX913 can be powered from a single
+5V supply or a ±5V split supply. The MAX913 is an
improved plug-in replacement for the LT1016. It pro-
vides significantly wider input voltage range and equiva-
lent speed at a fraction of the power. The MAX912 dual
comparator has equal performance to the MAX913 and
includes independent latch controls.
________________________Applications
Zero-Crossing Detectors
Ethernet Line Receivers
Switching Regulators
High-Speed Sampling Circuits
High-Speed Triggers
Extended Range V/F Converters
Fast Pulse Width/Height Discriminators
____________________________Features
o Ultra Fast (10ns)
o Single +5V or Dual ±5V Supply Operation
o Input Range Extends Below Negative Supply
o Low Power: 6mA (+5V) Per Comparator
o No Minimum Input Signal Slew-Rate Requirement
o No Power-Supply Current Spiking
o Stable in the Linear Region
o Inputs Can Exceed Either Supply
o Low Offset Voltage: 0.8mV
______________Ordering Information
* Dice are specified at TA = +25°C, DC parameters only.
Single/Dual, Ultra-Fast, Low-Power,
Precision TTL Comparators
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
V+
IN+
IN-
V-
Q
Q
GND
LE
DIP/SO
MAX913
+
-
TOP VIEW
___________________________________________________________Pin Configurations
Call toll free 1-800-998-8800 for free samples or literature.
19-0157; Rev 1; 1/94
PART
TEMP. RANGE
PIN-PACKAGE
MAX912CPE
0°C to +70°C
16 Plastic DIP
MAX912CSE
0°C to +70°C
16 Narrow SO
MAX912C/D
0°C to +70°C
Dice*
MAX912EPE
-40°C to +85°C
16 Plastic DIP
MAX912ESE
-40°C to +85°C
16 Narrow SO
MAX912MJE
-55°C to +125°C
16 CERDIP
N.C.
V-
INA-
LEB
N.C.
V+
INB-
DIP/Narrow SO
116
QA
GND
LEA
QB
GND
MAX912
89
INA+
INB+
-
QA
QB
AB
4
5
6
7
13
12
11
10
2
3
15
14
MAX913CPA
0°C to +70°C
8 Plastic DIP
MAX913CSA
0°C to +70°C
8 SO
MAX913C/D
0°C to +70°C
Dice*
MAX913EPA
-40°C to +85°C
8 Plastic DIP
MAX913ESA
-40°C to +85°C
8 SO
MAX913MJA
-55°C to +125°C
8 CERDIP


Similar Part No. - MAX913C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9130 MAXIM-MAX9130 Datasheet
145Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9130EXT MAXIM-MAX9130EXT Datasheet
147Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9130EXT-T MAXIM-MAX9130EXT-T Datasheet
145Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9130EXT-T MAXIM-MAX9130EXT-T Datasheet
147Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9132 MAXIM-MAX9132 Datasheet
736Kb / 20P
Programmable, High-Speed, Multiple Input/Output LVDS Crossbar Switches
Rev 2; 4/11
More results

Similar Description - MAX913C/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX9010 MAXIM-MAX9010 Datasheet
330Kb / 12P
SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
MAX9686 MAXIM-MAX9686 Datasheet
1Mb / 4P
Single/Dual Very Fast TTL Output Comparators
1989
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
Ultra-Fast Precision TTL Comparators
MAX9686 MAXIM-MAX9686_06 Datasheet
83Kb / 5P
Single/Dual, Very Fast TTL Output Comparators
Rev 2; 6/90
logo
Texas Instruments
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com