Electronic Components Datasheet Search
  English  ▼

X  

MAX913C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX913C/D
Description  Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX913C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX913C/D Datasheet HTML 1Page - Maxim Integrated Products MAX913C/D Datasheet HTML 2Page - Maxim Integrated Products MAX913C/D Datasheet HTML 3Page - Maxim Integrated Products MAX913C/D Datasheet HTML 4Page - Maxim Integrated Products MAX913C/D Datasheet HTML 5Page - Maxim Integrated Products MAX913C/D Datasheet HTML 6Page - Maxim Integrated Products MAX913C/D Datasheet HTML 7Page - Maxim Integrated Products MAX913C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Single/Dual, Ultra-Fast, Low-Power,
Precision TTL Comparators
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(V+ = 5V, V- = -5V, VLE = 0V, CL = 15pF, TA = +25°C, unless otherwise noted.)
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
6
-55
-15
25
105 125
65
7
8
9
10
11
Q OUTPUT
tPD(-)
Q OUTPUT
tPD(-)
Q OUTPUT
tPD(+)
Q OUTPUT
tPD(+)
VOD = 10mV
POSITIVE SUPPLY CURRENT
(PER COMPARATOR)
vs. POSTIVE SUPPLY VOLTAGE
2
4
6
8
10
345
67
V+ (V)
TA = +125°C
TA = +25°C
TA = -55°C
V- = 0V TO -5V
NEGATIVE SUPPLY CURRENT
(PER COMPARATOR)
vs. NEGATIVE SUPPLY VOLTAGE
V- (V)
0.2
0
12
3
4
5
6
7
0.4
0.6
0.8
1.0
1.2
TA = +125°C
TA = +25°C
TA = -55°C
OFFSET VOLTAGE
vs. TEMPERATURE
0
-55
TEMPERATURE (°C)
-15
25
65
105 125
200
400
800
1000
600
INPUT BIAS CURRENT
vs. TEMPERATURE
2
TEMPERATURE (°C)
-55
-15
25
65
105 125
3
4
5
6
VCM = -5.2V
VCM = 0V
VCM = +3.5V
OUTPUT VOLTAGE
vs. DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mV)
0
-3
-2
-1
1
2
3
0
1
2
3
4
5
TA = +125°C
TA = +25°C
TA = -55°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com