Electronic Components Datasheet Search
  English  ▼

X  

MAX913ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX913ESA
Description  Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX913ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX913ESA Datasheet HTML 1Page - Maxim Integrated Products MAX913ESA Datasheet HTML 2Page - Maxim Integrated Products MAX913ESA Datasheet HTML 3Page - Maxim Integrated Products MAX913ESA Datasheet HTML 4Page - Maxim Integrated Products MAX913ESA Datasheet HTML 5Page - Maxim Integrated Products MAX913ESA Datasheet HTML 6Page - Maxim Integrated Products MAX913ESA Datasheet HTML 7Page - Maxim Integrated Products MAX913ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Single/Dual, Ultra-Fast, Low-Power,
Precision TTL Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Positive Supply Voltage............................................................7V
Negative Supply Voltage ........................................................-7V
Differential Input Voltage .....................................................±15V
Input Voltage (Referred to V-)..................................- 0.3V to 15V
Latch Pin Voltage .............................................Equal to Supplies
Continuous Output Current...............................................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C)........640mW
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)...842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ...696mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C)....800mW
Operating Temperature Ranges:
MAX91_ C_ _ ......................................................0°C to +70°C
MAX91_ E_ _....................................................-40°C to +85°C
MAX91_ MJ_ .................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
RS ≤ 100Ω
SYMBOL
MIN
TYP
MAX
TA = TMIN to TMAX
UNITS
TA = +25°C
3
TA = TMIN to TMAX
Offset Drift
TCVOS
2
µV/°C
Input Offset Current (Note 1)
IOS
0.3
0.5
µA
TA = +25°C
0.8
TA = +25°C
Input Bias Current
IB
35
µA
C, E temp. ranges
8
M temp. range
10
CONDITIONS
Input Offset Voltage (Note 1)
VOS
0.8
2
mV
Single +5V
C, E temp. ranges
Power-Supply Rejection Ratio
PSRR
M temp. range
Positive supply: 4.5V
≤ V+ ≤ 5.5V
60
85
M temp. range
-5.0
+3.5
-5.0V
≤ VCM ≤ +3.5V
dB
IOUT = 1mA
VOL
-0.2
+3.5
Negative supply: -2V
≥ V- ≥ -7V
Common-Mode Rejection Ratio
CMRR
80
100
0
+3.5
dB
C, E temp. ranges
IOUT = 10mA
80
110
Small-Signal Voltage Gain
AV
1V
≤ VQ ≤ 2V, TA = +25°C
1500
3500
V/V
Output Voltage
VOH
V+
≥ 4.5V
2.7
3.4
V
2.4
3.0
ISINK = 4mA
0.3
0.5
TA = +25°C, ISINK = 10mA
0.4
Input Voltage Range
VCM
-5.2
+3.5
V
ELECTRICAL CHARACTERISTICS
(V+ = +5V, V- = -5V, VQ = 1.4V, VLE = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
12
C, E temp. ranges
610
Positive Supply Current Per
Comparator
I+
M temp. range
12
mA
Latch-Pin High Input Voltage
VIH
I-
0.4
2
mA
2.0
V
Latch-Pin Current
IIL
VLE = 0V
Latch-Pin Low Input Voltage
VIL
0.8
V
-20
µA
Negative Supply Current Per
Comparator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com