Electronic Components Datasheet Search
  English  ▼

X  

MAX913ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX913ESA
Description  Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX913ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX913ESA Datasheet HTML 1Page - Maxim Integrated Products MAX913ESA Datasheet HTML 2Page - Maxim Integrated Products MAX913ESA Datasheet HTML 3Page - Maxim Integrated Products MAX913ESA Datasheet HTML 4Page - Maxim Integrated Products MAX913ESA Datasheet HTML 5Page - Maxim Integrated Products MAX913ESA Datasheet HTML 6Page - Maxim Integrated Products MAX913ESA Datasheet HTML 7Page - Maxim Integrated Products MAX913ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Single/Dual, Ultra-Fast, Low-Power,
Precision TTL Comparators
6
_______________________________________________________________________________________
____________________________________________________________Pin Descriptions
PIN
MAX912
NAME
FUNCTION
1
QA
Comparator A TTL output
2
–
Q
–
A
Comparator A complementary TTL output
3, 14
GND
Logic ground. Connect both GND pins to ground.
4
LEA
5, 12
N.C.
Not internally connected
6
V-
Negative power supply: -5V for dual supplies (bypass to GND with a 0.1µF capacitor), or GND for a
single supply
7
INA-
Comparator A inverting input
8
INA+
Comparator A noninverting input
9
INB+
Comparator B noninverting input
10
INB-
Comparator B inverting input
11
V+
Positive power supply, +5V. Bypass to GND with a 0.1µF capacitor.
13
LEB
15
–
Q
–
B
Comparator B complementary TTL output
16
QB
Comparator B TTL output
PIN
MAX913
NAME
FUNCTION
1
V+
Positive power supply. Bypass to GND with a 0.1µF capacitor.
2
IN+
Noninverting input
3
IN-
Inverting input
4
V-
Negative power supply: -5V for dual supplies (bypass to GND with a 0.1µF capacitor), or GND for a
single supply
5
LE
6
GND
Logic ground
7
Q
TTL output
8
–
Q
–
Complementary TTL output
Comparator A latch enable. QA and
–
Q
–
A are latched when LEA is high or floating.
Comparator A latch is transparent when LEA is low.
Comparator B latch enable. QB and
–
Q
–
B are latched when LEB is high or floating.
Comparator B latch is transparent when LEB is low.
Latch enable. Q and
–
Q
–
are latched when LE is TTL high or floating. The comparator latch is
transparent when LE is low.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com